Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2646B Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # PT2646B
Description  3mm Phototransistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PT2646B Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

  PT2646B Datasheet HTML 1Page - Everlight Electronics Co., Ltd PT2646B Datasheet HTML 2Page - Everlight Electronics Co., Ltd PT2646B Datasheet HTML 3Page - Everlight Electronics Co., Ltd PT2646B Datasheet HTML 4Page - Everlight Electronics Co., Ltd PT2646B Datasheet HTML 5Page - Everlight Electronics Co., Ltd PT2646B Datasheet HTML 6Page - Everlight Electronics Co., Ltd PT2646B Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
Power Supply
Power Supply
IR
PT
Multimeter
VCE=5V
DEVICE NUMBER :
DPT-026-109
REV :
1.0
ECN :
PAGE :
6/7
3mm Phototransistor
MODEL NO :
PT264-6B
█ Test Method For On State Collector Current :
Condition : Ee=1mW/cm
2 , V
CE=5V
Test Item : Collector Current [I
C(on)]
Unit : mA


Similar Part No. - PT2646B

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT26-21B EVERLIGHT-PT26-21B Datasheet
198Kb / 10P
   0.8mm Height Flat Top Phototransistor
PT26-21B-TR8 EVERLIGHT-PT26-21B-TR8 Datasheet
204Kb / 10P
   0.8mm Height Flat Top Phototransistor
PT26-21B/TR8 EVERLIGHT-PT26-21B/TR8 Datasheet
198Kb / 10P
   0.8mm Height Flat Top Phototransistor
PT26-21C EVERLIGHT-PT26-21C Datasheet
201Kb / 10P
   0.8mm Height Flat Top Phototransistor
PT26-21C-TR8 EVERLIGHT-PT26-21C-TR8 Datasheet
207Kb / 10P
   0.8mm Height Flat Top Phototransistor
More results

Similar Description - PT2646B

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
GB-PT224 LUCKY-LIGHT-GB-PT224 Datasheet
45Kb / 1P
   Phototransistor (3mm)
logo
Everlight Electronics C...
PT202C EVERLIGHT-PT202C Datasheet
187Kb / 8P
   3mm Phototransistor
PT204-6B EVERLIGHT-PT204-6B_06 Datasheet
153Kb / 7P
   3mm Phototransistor T-1
logo
List of Unclassifed Man...
PT204-6C ETC1-PT204-6C Datasheet
159Kb / 7P
   3mm Phototransistor T-1
logo
Everlight Electronics C...
EAPLP03RDAA0 EVERLIGHT-EAPLP03RDAA0 Datasheet
314Kb / 8P
   3mm Phototransistor T-1
PT202B EVERLIGHT-PT202B Datasheet
186Kb / 7P
   3mm Phototransistor,T-1
PT204-6B EVERLIGHT-PT204-6B Datasheet
166Kb / 7P
   3mm Phototransistor T-1
PT202C EVERLIGHT-PT202C_05 Datasheet
166Kb / 7P
   3mm Phototransistor T-1
PT204-6C EVERLIGHT-PT204-6C Datasheet
163Kb / 7P
   3mm Phototransistor T-1
EAPLP03RDAA1 EVERLIGHT-EAPLP03RDAA1 Datasheet
309Kb / 8P
   3mm Phototransistor T-1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com