Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6T1008U2C-GD85 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K6T1008U2C-GD85
Description  128K x8 bit Low Power and Low Voltage CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6T1008U2C-GD85 Datasheet(HTML) 3 Page - Samsung semiconductor

  K6T1008U2C-GD85 Datasheet HTML 1Page - Samsung semiconductor K6T1008U2C-GD85 Datasheet HTML 2Page - Samsung semiconductor K6T1008U2C-GD85 Datasheet HTML 3Page - Samsung semiconductor K6T1008U2C-GD85 Datasheet HTML 4Page - Samsung semiconductor K6T1008U2C-GD85 Datasheet HTML 5Page - Samsung semiconductor K6T1008U2C-GD85 Datasheet HTML 6Page - Samsung semiconductor K6T1008U2C-GD85 Datasheet HTML 7Page - Samsung semiconductor K6T1008U2C-GD85 Datasheet HTML 8Page - Samsung semiconductor K6T1008U2C-GD85 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
K6T1008V2C, K6T1008U2C Family
CMOS SRAM
Revision 2.0
November 1997
3
PRODUCT LIST
Commercial Temperature Products
(0~70
°C)
Extended Temperature Products
(-25~85
°C)
Industrial Temperature Products
(-40~85
°C)
Part Name
Function
Part Name
Function
Part Name
Function
K6T1008V2C-GB70
K6T1008V2C-GB10
K6T1008V2C-TB70
K6T1008V2C-TB10
K6T1008V2C-RB70
K6T1008V2C-RB10
K6T1008U2C-GB85
K6T1008U2C-GB10
K6T1008U2C-TB85
K6T1008U2C-TB10
K6T1008U2C-RB85
K6T1008U2C-RB10
K6T1008V2C-YB70
K6T1008V2C-YB10
K6T1008V2C-NB70
K6T1008V2C-NB10
K6T1008U2C-YB85
K6T1008U2C-YB10
K6T1008U2C-NB85
K6T1008U2C-NB10
32-SOP, 70ns, 3.3V
32-SOP, 100ns, 3.3V
32-TSOP F, 70ns, 3.3V
32-TSOP F, 100ns, 3.3V
32-TSOP R, 70ns, 3.3V
32-TSOP R, 100ns, 3.3V
32-SOP, 85ns, 3.0V
32-SOP, 100ns, 3.0V
32-TSOP F, 85ns, 3.0V
32-TSOP F, 100ns, 3.0V
32-TSOP R, 85ns, 3.0V
32-TSOP R, 100ns, 3.0V
32-sTSOP F, 70ns, 3.3V
32-sTSOP F, 100ns, 3.3V
32-sTSOP R, 70ns, 3.3V
32-sTSOP R, 100ns, 3.3V
32-sTSOP F, 85ns, 3.0V
32-sTSOP F, 100ns, 3.0V
32-sTSOP R, 85ns, 3.0V
32-sTSOP R, 100ns, 3.0V
K6T1008V2C-GD70
K6T1008V2C-GD10
K6T1008V2C-TD70
K6T1008V2C-TD10
K6T1008V2C-RD70
K6T1008V2C-RD10
K6T1008U2C-GD85
K6T1008U2C-GD10
K6T1008U2C-TD85
K6T1008U2C-TD10
K6T1008U2C-RD85
K6T1008U2C-RD10
K6T1008V2C-YD70
K6T1008V2C-YD10
K6T1008V2C-ND70
K6T1008V2C-ND10
K6T1008U2C-YD85
K6T1008U2C-YD10
K6T1008U2C-ND85
K6T1008U2C-ND10
32-SOP, 70ns, 3.3V
32-SOP, 100ns, 3.3V
32-TSOP F, 70ns, 3.3V
32-TSOP F, 100ns, 3.3V
32-TSOP R, 70ns, 3.3V
32-TSOP R, 100ns, 3.3V
32-SOP, 85ns, 3.0V
32-SOP, 100ns, 3.0V
32-TSOP F, 85ns, 3.0V
32-TSOP F, 100ns, 3.0V
32-TSOP R, 85ns, 3.0V
32-TSOP R, 100ns, 3.0V
32-sTSOP F, 70ns, 3.3V
32-sTSOP F, 100ns, 3.3V
32-sTSOP R, 70ns, 3.3V
32-sTSOP R, 100ns, 3.3V
32-sTSOP F, 85ns, 3.0V
32-sTSOP F, 100ns, 3.0V
32-sTSOP R, 85ns, 3.0V
32-sTSOP R, 100ns, 3.0V
K6T1008V2C-GF70
K6T1008V2C-GF10
K6T1008V2C-TF70
K6T1008V2C-TF10
K6T1008V2C-RF70
K6T1008V2C-RF10
K6T1008U2C-GF85
K6T1008U2C-GF10
K6T1008U2C-TF85
K6T1008U2C-TF10
K6T1008U2C-RF85
K6T1008U2C-RF10
K6T1008V2C-YF70
K6T1008V2C-YF10
K6T1008V2C-NF70
K6T1008V2C-NF10
K6T1008U2C-YF85
K6T1008U2C-YF10
K6T1008U2C-NF85
K6T1008U2C-NF10
32-SOP, 70ns, 3.3V
32-SOP, 100ns, 3.3V
32-TSOP F, 70ns, 3.3V
32-TSOP F, 100ns, 3.3V
32-TSOP R, 70ns, 3.3V
32-TSOP R, 100ns, 3.3V
32-SOP, 85ns, 3.0V
32-SOP, 100ns, 3.0V
32-TSOP F, 85ns, 3.0V
32-TSOP F, 100ns, 3.0V
32-TSOP R, 85ns, 3.0V
32-TSOP R, 100ns, 3.0V
32-sTSOP F, 70ns, 3.3V
32-sTSOP F, 100ns, 3.3V
32-sTSOP R, 70ns, 3.3V
32-sTSOP R, 100ns, 3.3V
32-sTSOP F, 85ns, 3.0V
32-sTSOP F, 100ns, 3.0V
32-sTSOP R, 85ns, 3.0V
32-sTSOP R, 100ns, 3.0V
FUNCTIONAL DESCRIPTION
1. X means don
′t care(Must be in high or low status.)
CS1
CS2
OE
WE
I/O Pin
Mode
Power
H
X1)
X1)
X1)
High-Z
Deselected
Standby
X1)
L
X1)
X1)
High-Z
Deselected
Standby
L
H
H
H
High-Z
Output Disabled
Active
L
H
L
H
Dout
Read
Active
L
H
X1)
L
Din
Write
Active
ABSOLUTE MAXIMUM RATINGS1)
1. Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. Functional operation should be
restricted to recommended operating condition. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Item
Symbol
Ratings
Unit
Remark
Voltage on any pin relative to Vss
VIN,VOUT
-0.5 to VCC+0.5
V
-
Voltage on Vcc supply relative to
VCC
-0.3 to 4.6
V
-
Power Dissipation
PD
1.0
W
-
Storage temperature
TSTG
-65 to 150
°C
-
Operating Temperature
TA
0 to 70
°C
K6T1008V2C-B/K6T1008U2C-B
-25 to 85
°C
K6T1008V2C-D/K6T1008U2C-D
-40 to 85
°C
K6T1008V2C-F/K6T1008U2C-F
Soldering temperature and time
TSOLDER
260
°C, 10sec (Lead Only)
-
-


Similar Part No. - K6T1008U2C-GD85

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T1008C2C SAMSUNG-K6T1008C2C Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C-B SAMSUNG-K6T1008C2C-B Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C-DB55 SAMSUNG-K6T1008C2C-DB55 Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C-DB70 SAMSUNG-K6T1008C2C-DB70 Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C-DL55 SAMSUNG-K6T1008C2C-DL55 Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
More results

Similar Description - K6T1008U2C-GD85

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM681000B SAMSUNG-KM681000B Datasheet
192Kb / 11P
   128K x8 bit Low Power CMOS Static RAM
KM681000C SAMSUNG-KM681000C Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C SAMSUNG-K6T1008C2C Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
logo
Emerging Memory & Logic...
EM610FV8T EMLSI-EM610FV8T Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8 EMLSI-EM610FV8 Datasheet
70Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8S EMLSI-EM610FV8S Datasheet
67Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8BS EMLSI-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8B EMLSI-EM620FV8B Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8B EMLSI-EM620FU8B Datasheet
391Kb / 10P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
logo
List of Unclassifed Man...
EM620FV8BS ETC2-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com