Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT202B Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # PT202B
Description  3mm Phototransistor,T-1
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PT202B Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  PT202B Datasheet HTML 1Page - Everlight Electronics Co., Ltd PT202B Datasheet HTML 2Page - Everlight Electronics Co., Ltd PT202B Datasheet HTML 3Page - Everlight Electronics Co., Ltd PT202B Datasheet HTML 4Page - Everlight Electronics Co., Ltd PT202B Datasheet HTML 5Page - Everlight Electronics Co., Ltd PT202B Datasheet HTML 6Page - Everlight Electronics Co., Ltd PT202B Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
DEVICE NUMBER :
DPT-020-018
REV :
1.2
ECN :
PAGE :
3/7
3mm Phototransistor,T-1
MODEL NO :
PT202B
 Absolute Maximum Ratings at Ta = 25




Parameter
Symbol
Rating
Unit
Notice
Collector-Emitter Voltage
V
CEO
30
V
Emitter-Collector- Voltage
V
ECO
5V
Collector Current
I
C
20
mA
Operating Temperature
Topr
-25 ~ +85

Storage Temperature
Tstg
-40 ~ +85

Soldering Temperature
Tsol
260

4mm from mold body
less than 5 seconds
Power Dissipation at(or below)
25



Free Air Temperature
Pc
75

 Electronic Optical Characteristics :
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Collector-Emitter
Breakdown Voltage
BV
CEO
30
----
----
V
I
C=100
A
Ee=0mW/cm
2
Emitter-Collector
Breakdown Voltage
BV
ECO
5
----
----
V
I
E=100
A
Ee=0mW/cm
2
Collector-Emitter
Saturation Voltage
V
CE(sat)
----
----
0.4
V
I
C=2mA
Ee=1mW/cm
2
Rise Time
t
r
----
15
----
Fall Time
t
f
----
15
----
S
V
CE=5V
I
C=1mA
R
L=1000

Collector Dark
Current
I
CEO
----
----
100
nA
V
CE=20V
Ee=0mW/cm
2
On State Collector
Current
I
C(on)
0.7
2.0
----
mA
V
CE=5V
Ee=1mW/cm
2
Wavelength of
Peak Sensitivity
p
----
980
----
nm
----
Rang of Spectral
Bandwidth
0.5
----
840---1200
----
nm
----


Similar Part No. - PT202B

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT202C EVERLIGHT-PT202C Datasheet
187Kb / 8P
   3mm Phototransistor
PT202C EVERLIGHT-PT202C Datasheet
166Kb / 7P
   3mm Phototransistor T-1
PT202C EVERLIGHT-PT202C_05 Datasheet
166Kb / 7P
   3mm Phototransistor T-1
More results

Similar Description - PT202B

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT204-6B EVERLIGHT-PT204-6B_06 Datasheet
153Kb / 7P
   3mm Phototransistor T-1
logo
List of Unclassifed Man...
PT204-6C ETC1-PT204-6C Datasheet
159Kb / 7P
   3mm Phototransistor T-1
logo
Everlight Electronics C...
EAPLP03RDAA0 EVERLIGHT-EAPLP03RDAA0 Datasheet
314Kb / 8P
   3mm Phototransistor T-1
PT204-6B EVERLIGHT-PT204-6B Datasheet
166Kb / 7P
   3mm Phototransistor T-1
PT202C EVERLIGHT-PT202C_05 Datasheet
166Kb / 7P
   3mm Phototransistor T-1
PT204-6C EVERLIGHT-PT204-6C Datasheet
163Kb / 7P
   3mm Phototransistor T-1
EAPLP03RDAA1 EVERLIGHT-EAPLP03RDAA1 Datasheet
309Kb / 8P
   3mm Phototransistor T-1
PT334-6B EVERLIGHT-PT334-6B_05 Datasheet
176Kb / 7P
   5mm Phototransistor T-1
PT333-3B EVERLIGHT-PT333-3B Datasheet
188Kb / 7P
   5mm Phototransistor T-1
PT333-3C EVERLIGHT-PT333-3C Datasheet
155Kb / 7P
   5mm Phototransistor T-1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com