Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6T1008V2C-GD70 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K6T1008V2C-GD70
Description  128K x8 bit Low Power and Low Voltage CMOS Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6T1008V2C-GD70 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K6T1008V2C-GD70 Datasheet HTML 3Page - Samsung semiconductor K6T1008V2C-GD70 Datasheet HTML 4Page - Samsung semiconductor K6T1008V2C-GD70 Datasheet HTML 5Page - Samsung semiconductor K6T1008V2C-GD70 Datasheet HTML 6Page - Samsung semiconductor K6T1008V2C-GD70 Datasheet HTML 7Page - Samsung semiconductor K6T1008V2C-GD70 Datasheet HTML 8Page - Samsung semiconductor K6T1008V2C-GD70 Datasheet HTML 9Page - Samsung semiconductor K6T1008V2C-GD70 Datasheet HTML 10Page - Samsung semiconductor K6T1008V2C-GD70 Datasheet HTML 11Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
K6T1008V2C, K6T1008U2C Family
CMOS SRAM
Revision 2.0
November 1997
11
32 PIN THIN SMALL OUTLINE PACKAGE TYPE I (0820F)
#32
1.00
±0.10
0.039
±0.004
MAX
8.40
0.331
#1
0.50
(
)
0.020
18.40
±0.10
0.724
±0.004
0.45 ~0.75
0.018 ~0.030
20.00
±0.20
0.787
±0.008
#17
+0.10
0.15
-0.05
+0.004
0.006
-0.002
0~8
°
+0.10
0.20
-0.05
+0.004
0.008
-0.002
0.50
0.0197
0.25
(
)
0.010
MIN
0.05
0.002
MAX
1.20
0.047
TYP
0.25
0.010
#16
PACKAGE DIMENSIONS
32 PIN THIN SMALL OUTLINE PACKAGE TYPE I (0820R)
#32
1.00
±0.10
0.039
±0.004
#1
0.50
(
)
0.020
18.40
±0.10
0.724
±0.004
0.45 ~0.75
0.018 ~0.030
20.00
±0.20
0.787
±0.008
#17
+0.10
0.15
-0.05
+0.004
0.006
-0.002
0~8
°
+0.10
0.20
-0.05
+0.004
0.008
-0.002
0.50
0.0197
0.25
(
)
0.010
MIN
0.05
0.002
MAX
1.20
0.047
TYP
0.25
0.010
#16
Units: millimeter(inch)


Similar Part No. - K6T1008V2C-GD70

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T1008C2C SAMSUNG-K6T1008C2C Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C-B SAMSUNG-K6T1008C2C-B Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C-DB55 SAMSUNG-K6T1008C2C-DB55 Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C-DB70 SAMSUNG-K6T1008C2C-DB70 Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C-DL55 SAMSUNG-K6T1008C2C-DL55 Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
More results

Similar Description - K6T1008V2C-GD70

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM681000B SAMSUNG-KM681000B Datasheet
192Kb / 11P
   128K x8 bit Low Power CMOS Static RAM
KM681000C SAMSUNG-KM681000C Datasheet
191Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
K6T1008C2C SAMSUNG-K6T1008C2C Datasheet
189Kb / 10P
   128K x8 bit Low Power CMOS Static RAM
logo
Emerging Memory & Logic...
EM610FV8T EMLSI-EM610FV8T Datasheet
188Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8 EMLSI-EM610FV8 Datasheet
70Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM610FV8S EMLSI-EM610FV8S Datasheet
67Kb / 11P
   128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM620FV8BS EMLSI-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FV8B EMLSI-EM620FV8B Datasheet
427Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
EM620FU8B EMLSI-EM620FU8B Datasheet
391Kb / 10P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
logo
List of Unclassifed Man...
EM620FV8BS ETC2-EM620FV8BS Datasheet
433Kb / 11P
   256K x8 bit Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com