Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6721C Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # PT6721C
Description  Top Phototransistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PT6721C Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  PT6721C Datasheet HTML 1Page - Everlight Electronics Co., Ltd PT6721C Datasheet HTML 2Page - Everlight Electronics Co., Ltd PT6721C Datasheet HTML 3Page - Everlight Electronics Co., Ltd PT6721C Datasheet HTML 4Page - Everlight Electronics Co., Ltd PT6721C Datasheet HTML 5Page - Everlight Electronics Co., Ltd PT6721C Datasheet HTML 6Page - Everlight Electronics Co., Ltd PT6721C Datasheet HTML 7Page - Everlight Electronics Co., Ltd PT6721C Datasheet HTML 8Page - Everlight Electronics Co., Ltd PT6721C Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1.1
Page: 3 of 10
Device No:DTT-067-038
Prepared date:05-02-2003
Prepared by:Jaine Tsai
PT67-21C/L41/TR8
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Rang Of Spectral Bandwidth
λ0.5
---
400
---
1100
nm
Wavelength Of Peak Sensitivity
λP
---
---
940
---
nm
Collector-Emitter Breakdown
Voltage
BVCEO
IC=100μA
Ee=0mW/cm
2
30
---
---
V
Emitter-Collector Breakdown
Voltage
BVECO
IE=100μA
Ee=0mW/cm
2
5
---
---
V
Collector-Emitter Saturation
Voltage
VCE(sat)
IC=2mA
Ee=1m W/cm
2
---
---
0.4
V
Collector Dark Current
ICEO
VCE=20V
Ee=0mW/cm
2
---
---
100
nA
On State Collector Current
IC(ON)
VCE=5V
Ee=1mW /cm
2
0.3
1.0
mA
Rise Time
tr
---
15
---
Fall Time
tf
VCE=5V
IC=1mA
RL=1000Ω
---
15
---
μS


Similar Part No. - PT6721C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT6721C2 EVERLIGHT-PT6721C2 Datasheet
170Kb / 8P
   high speed silicon NPN epitaxial planar phototransistor in a compact surface-mountable package.
More results

Similar Description - PT6721C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT67-21C-L41-TR8 EVERLIGHT-PT67-21C-L41-TR8 Datasheet
190Kb / 10P
   Top Phototransistor
PT67-21C-L41 EVERLIGHT-PT67-21C-L41 Datasheet
185Kb / 10P
   Top Phototransistor
PT67-21B-C14-TR8 EVERLIGHT-PT67-21B-C14-TR8 Datasheet
194Kb / 10P
   Top Phototransistor
EAPPL3527A2 EVERLIGHT-EAPPL3527A2 Datasheet
1Mb / 8P
   Top Phototransistor
logo
Rohm
RPT-34PB3F ROHM-RPT-34PB3F Datasheet
61Kb / 3P
   Phototransistor, top view type
RPT-38PB3F ROHM-RPT-38PB3F Datasheet
60Kb / 3P
   Phototransistor, top view type
RPT-34PB3F ROHM-RPT-34PB3F_10 Datasheet
137Kb / 3P
   Phototransistor, top view type
RPT-38PB3F ROHM-RPT-38PB3F_10 Datasheet
141Kb / 3P
   Phototransistor, top view type
RPT-37PB3F ROHM-RPT-37PB3F Datasheet
70Kb / 2P
   Phototransistor, top view type
RPT-38PT3F ROHM-RPT-38PT3F Datasheet
70Kb / 3P
   Phototransistor, top view type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com