Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT28-21C Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # PT28-21C
Description  1.3mm Axial Flat Top Phototransistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PT28-21C Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

  PT28-21C Datasheet HTML 1Page - Everlight Electronics Co., Ltd PT28-21C Datasheet HTML 2Page - Everlight Electronics Co., Ltd PT28-21C Datasheet HTML 3Page - Everlight Electronics Co., Ltd PT28-21C Datasheet HTML 4Page - Everlight Electronics Co., Ltd PT28-21C Datasheet HTML 5Page - Everlight Electronics Co., Ltd PT28-21C Datasheet HTML 6Page - Everlight Electronics Co., Ltd PT28-21C Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image




















  



       
     

                    
    





   ( )  
8
 4! 8 1
@8 
! 8 1
FG
 F 
*
&
72
) 
&2,
&"
/$8$,/8 1
*2(8*()*8
!  



   * #( )  
 #---@>->@>6
 #->6@



Similar Part No. - PT28-21C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT28-21B EVERLIGHT-PT28-21B Datasheet
229Kb / 7P
   1.3mm Axial Flat Top Phototransistor
PT28-21B-TR8 EVERLIGHT-PT28-21B-TR8 Datasheet
186Kb / 10P
   1.3mm Axial Flat Top Phototransistor
PT28-21B/TR8 EVERLIGHT-PT28-21B/TR8 Datasheet
186Kb / 10P
   1.3mm Axial Flat Top Phototransistor
More results

Similar Description - PT28-21C

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT28-21B-TR8 EVERLIGHT-PT28-21B-TR8 Datasheet
186Kb / 10P
   1.3mm Axial Flat Top Phototransistor
PT28-21B EVERLIGHT-PT28-21B Datasheet
229Kb / 7P
   1.3mm Axial Flat Top Phototransistor
PT26-21C-TR8 EVERLIGHT-PT26-21C-TR8 Datasheet
207Kb / 10P
   0.8mm Height Flat Top Phototransistor
PT19-21C EVERLIGHT-PT19-21C Datasheet
200Kb / 10P
   0.8mm Height Flat Top Phototransistor
PT26-21B-TR8 EVERLIGHT-PT26-21B-TR8 Datasheet
204Kb / 10P
   0.8mm Height Flat Top Phototransistor
PT19-21C-L41-TR8 EVERLIGHT-PT19-21C-L41-TR8 Datasheet
206Kb / 10P
   0.8mm Height Flat Top Phototransistor
PT26-21B EVERLIGHT-PT26-21B Datasheet
198Kb / 10P
   0.8mm Height Flat Top Phototransistor
PT19-21B-L41-TR8 EVERLIGHT-PT19-21B-L41-TR8 Datasheet
281Kb / 10P
   0.8mm Height Flat Top Phototransistor
PT26-21C EVERLIGHT-PT26-21C Datasheet
201Kb / 10P
   0.8mm Height Flat Top Phototransistor
PT67-21C-L41-TR8 EVERLIGHT-PT67-21C-L41-TR8 Datasheet
190Kb / 10P
   Top Phototransistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com