Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT28-21B Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # PT28-21B
Description  1.3mm Axial Flat Top Phototransistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PT28-21B Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  PT28-21B Datasheet HTML 1Page - Everlight Electronics Co., Ltd PT28-21B Datasheet HTML 2Page - Everlight Electronics Co., Ltd PT28-21B Datasheet HTML 3Page - Everlight Electronics Co., Ltd PT28-21B Datasheet HTML 4Page - Everlight Electronics Co., Ltd PT28-21B Datasheet HTML 5Page - Everlight Electronics Co., Ltd PT28-21B Datasheet HTML 6Page - Everlight Electronics Co., Ltd PT28-21B Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
DEVICE NUMBER :
DPT-028-007
REV :
2.0
ECN :
PAGE :
5/7
1.3mm Axial Flat Top Phototransistor
MODEL NO :
PT28-21B
Reliability Test Item And Condition
The reliability of products shall be satisfied with items listed below.
Confidence level:90%
LTPD:10%
NO.
Item
Test Conditions
Test
Hours/
Cycles
Sample
Size
Failure
Judgement
Criteria
Ac/Re
1
Solder Heat
TEMP : 260℃ ± 5 ℃
5 secs
22 pcs
0/1
H : +85℃
30 mins
I
c(on)≦L× 0.8
2
Temperature Cycle
5 mins
50 cycles
22 pcs
L :Lower
specification
limit
0/1
L : -55℃
30 mins
H : +100℃
5 mins
3
Thermal Shock
10 secs
50 cycles
22 pcs
0/1
L : -10℃
5 mins
4
High Temperature
Storage
TEMP. : +100℃
1000 hrs
22 pcs
0/1
5
Low Temperature
Storage
TEMP. : -55℃
1000 hrs
22 pcs
0/1
6
DC Operating Life VCE=5V
1000 hrs
22 pcs
0/1
7
High Temperature /
High Humidity
85℃ / 85% R.H.
1000 hrs
22 pcs
0/1


Similar Part No. - PT28-21B

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT28-21B-TR8 EVERLIGHT-PT28-21B-TR8 Datasheet
186Kb / 10P
   1.3mm Axial Flat Top Phototransistor
PT28-21B/TR8 EVERLIGHT-PT28-21B/TR8 Datasheet
186Kb / 10P
   1.3mm Axial Flat Top Phototransistor
More results

Similar Description - PT28-21B

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT28-21B-TR8 EVERLIGHT-PT28-21B-TR8 Datasheet
186Kb / 10P
   1.3mm Axial Flat Top Phototransistor
PT28-21C EVERLIGHT-PT28-21C Datasheet
206Kb / 7P
   1.3mm Axial Flat Top Phototransistor
PT26-21C-TR8 EVERLIGHT-PT26-21C-TR8 Datasheet
207Kb / 10P
   0.8mm Height Flat Top Phototransistor
PT19-21C EVERLIGHT-PT19-21C Datasheet
200Kb / 10P
   0.8mm Height Flat Top Phototransistor
PT26-21B-TR8 EVERLIGHT-PT26-21B-TR8 Datasheet
204Kb / 10P
   0.8mm Height Flat Top Phototransistor
PT19-21C-L41-TR8 EVERLIGHT-PT19-21C-L41-TR8 Datasheet
206Kb / 10P
   0.8mm Height Flat Top Phototransistor
PT26-21B EVERLIGHT-PT26-21B Datasheet
198Kb / 10P
   0.8mm Height Flat Top Phototransistor
PT19-21B-L41-TR8 EVERLIGHT-PT19-21B-L41-TR8 Datasheet
281Kb / 10P
   0.8mm Height Flat Top Phototransistor
PT26-21C EVERLIGHT-PT26-21C Datasheet
201Kb / 10P
   0.8mm Height Flat Top Phototransistor
PT67-21C-L41-TR8 EVERLIGHT-PT67-21C-L41-TR8 Datasheet
190Kb / 10P
   Top Phototransistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com