Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PD15-22B Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part No. PD15-22B
Description  1206 Package Silicon PIN Photodiode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PD15-22B Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  PD15-22B Datasheet HTML 1Page - Everlight Electronics Co., Ltd PD15-22B Datasheet HTML 2Page - Everlight Electronics Co., Ltd PD15-22B Datasheet HTML 3Page - Everlight Electronics Co., Ltd PD15-22B Datasheet HTML 4Page - Everlight Electronics Co., Ltd PD15-22B Datasheet HTML 5Page - Everlight Electronics Co., Ltd PD15-22B Datasheet HTML 6Page - Everlight Electronics Co., Ltd PD15-22B Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
DEVICE NUMBER :
DTD-152-001
REV :
1.0
ECN :
PAGE :
2/7
1206 Package Silicon PIN Photodiode
MODEL NO :
PD15-22B/TR8
█ Package Dimensions :
█ Notes :
1.All dimensions are in millimeter.
2.General Tolerance: ± 0.1mm
3.Lens color:Black transparent.
4.Above specification may be changed without notice. EVERLIGHT will reserve authority
on material change for above specification.
5.These specification sheets include materials protected under copyright of EVERLIGHT
corporation . Please don’t reproduce or cause anyone to reproduce them without
EVERLIGHT’s consent.
6.When using this product , please observe the absolute maximum ratings and the
instructions for use outlined in these specification sheets. EVERLIGHT assumes no
responsibility for any damage resulting from use of the product which does not comply
with the absolute maximum ratings and the instructions included in these specification
sheets.


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MID-8541C SIDE LOOK PACKAGE PIN PHOTODIODE 1  2  3  Unity Opto Technology
SRD00217 Ternary PIN Photodiode in Receptacle Package 1  2  3  Infineon Technologies AG
BPW43 Silicon PIN Photodiode 1  2  3  4  5  Vishay Siliconix
PD438B 4.8 MM SEMI LENS SILICON PIN PHOTODIODE 1  2  3  4  5  More List of Unclassifed Manufacturers
MID-85A1C SIDE LOOK PACKAGE PIN PHOTODIODE 1  2  3  Unity Opto Technology
BPW46 Silicon PIN Photodiode 1  2  3  4  5  Vishay Siliconix
MID-85H1C SIDE LOOK PACKAGE PIN PHOTODIODE 1  2  3  Unity Opto Technology
BP104 Silicon PIN Photodiode 1  2  3  4  5  Vishay Siliconix
BPW46L Silicon PIN Photodiode 1  2  3  4  5  Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn