Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PD15-22B Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part No. PD15-22B
Description  1206 Package Silicon PIN Photodiode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PD15-22B Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  PD15-22B Datasheet HTML 1Page - Everlight Electronics Co., Ltd PD15-22B Datasheet HTML 2Page - Everlight Electronics Co., Ltd PD15-22B Datasheet HTML 3Page - Everlight Electronics Co., Ltd PD15-22B Datasheet HTML 4Page - Everlight Electronics Co., Ltd PD15-22B Datasheet HTML 5Page - Everlight Electronics Co., Ltd PD15-22B Datasheet HTML 6Page - Everlight Electronics Co., Ltd PD15-22B Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
DEVICE NUMBER :
DTD-152-001
REV :
1.0
ECN :
PAGE :
1/7
1206 Package Silicon PIN Photodiode
MODEL NO :
PD15-22B/TR8
█ Features :
•Fast response time
•High photo sensitivity
•Small junction capacitance
•Package in 8mm tape on 7“ diameter reel.
█ Description :
•PD15-22B/TR8 is a high speed and high sensitive PIN photodiode
in miniature flat top view lens SMD package and it is molded in a
black transparent plastic.The device is spectrally matched with
the infrared emitting diode.
█ Applications :
•High speed photo detector
•Copier
•Optoelectronic switch
Game machine
CHIP
PART NO.
MATERIAL
LENS COLOR
PD
Silicon
Black


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MID-8541C SIDE LOOK PACKAGE PIN PHOTODIODE 1  2  3  Unity Opto Technology
SRD00217 Ternary PIN Photodiode in Receptacle Package 1  2  3  Infineon Technologies AG
BPW43 Silicon PIN Photodiode 1  2  3  4  5  Vishay Siliconix
PD438B 4.8 MM SEMI LENS SILICON PIN PHOTODIODE 1  2  3  4  5  More List of Unclassifed Manufacturers
MID-85A1C SIDE LOOK PACKAGE PIN PHOTODIODE 1  2  3  Unity Opto Technology
BPW46 Silicon PIN Photodiode 1  2  3  4  5  Vishay Siliconix
MID-85H1C SIDE LOOK PACKAGE PIN PHOTODIODE 1  2  3  Unity Opto Technology
BP104 Silicon PIN Photodiode 1  2  3  4  5  Vishay Siliconix
BPW46L Silicon PIN Photodiode 1  2  3  4  5  Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn