Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PD15-22B Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part No. PD15-22B
Description  1206 Package Silicon PIN Photodiode
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PD15-22B Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  PD15-22B Datasheet HTML 1Page - Everlight Electronics Co., Ltd PD15-22B Datasheet HTML 2Page - Everlight Electronics Co., Ltd PD15-22B Datasheet HTML 3Page - Everlight Electronics Co., Ltd PD15-22B Datasheet HTML 4Page - Everlight Electronics Co., Ltd PD15-22B Datasheet HTML 5Page - Everlight Electronics Co., Ltd PD15-22B Datasheet HTML 6Page - Everlight Electronics Co., Ltd PD15-22B Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
DEVICE NUMBER :
DTD-152-001
REV :
1.0
ECN :
PAGE :
5/7
1206 Package Silicon PIN Photodiode
MODEL NO :
PD15-22B/TR8
Reliability Test Item And Condition
The reliability of products shall be satisfied with items listed below.
Confidence level:90%
LTPD:10%
NO.
Item
Test Conditions
Test
Hours/
Cycle
Sample
Size
Failure
Judgement
Criteria
Ac/Re
1
REFLOW
TEMP : 240℃ ± 5 ℃
5 sec
6 Min
22 PCs
0/1
H : +85℃
30 min
I
L≦L× 0.8
2
Temperature Cycle
5 min
50 cycle
22 PCs
L:Lower
specification
limit
0/1
L : -55℃
30 min
H : +100℃
5 min
3
Thermal Shock
10 sec
50 cycle
22 PCs
0/1
L : -10℃
30 min
4
High Temperature
Storage
TEMP. : +100℃
1000 hrs
22 PCs
0/1
5
Low Temperature
Storage
TEMP. : -55℃
1000 hrs
22 PCs
0/1
6
DC Operating Life VR=5V
1000 hrs
22 PCs
0/1
7
High Temperature /
High Humidity
85℃ / 85% R.H.
1000 hrs
22 PCs
0/1


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MID-8541CSIDE LOOK PACKAGE PIN PHOTODIODE 1 2 3 Unity Opto Technology
SRD00217Ternary PIN Photodiode in Receptacle Package 1 2 3 Infineon Technologies AG
BPW43Silicon PIN Photodiode 1 2 3 4 5 Vishay Siliconix
PD438B4.8 MM SEMI LENS SILICON PIN PHOTODIODE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MID-85A1CSIDE LOOK PACKAGE PIN PHOTODIODE 1 2 3 Unity Opto Technology
BPW46Silicon PIN Photodiode 1 2 3 4 5 Vishay Siliconix
MID-85H1CSIDE LOOK PACKAGE PIN PHOTODIODE 1 2 3 Unity Opto Technology
BP104Silicon PIN Photodiode 1 2 3 4 5 Vishay Siliconix
BPW46LSilicon PIN Photodiode 1 2 3 4 5 Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn