Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PD15-22B Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part No. PD15-22B
Description  1206 Package Silicon PIN Photodiode
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EVERLIGHT [Everlight Electronics Co., Ltd]
Homepage  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PD15-22B Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  PD15-22B Datasheet HTML 1Page - Everlight Electronics Co., Ltd PD15-22B Datasheet HTML 2Page - Everlight Electronics Co., Ltd PD15-22B Datasheet HTML 3Page - Everlight Electronics Co., Ltd PD15-22B Datasheet HTML 4Page - Everlight Electronics Co., Ltd PD15-22B Datasheet HTML 5Page - Everlight Electronics Co., Ltd PD15-22B Datasheet HTML 6Page - Everlight Electronics Co., Ltd PD15-22B Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EVERLIGHT ELECTRONICS CO., LTD.
DEVICE NUMBER :
DTD-152-001
REV :
1.0
ECN :
PAGE :
3/7
1206 Package Silicon PIN Photodiode
MODEL NO :
PD15-22B/TR8
Absolute Maximum Ratings at TA = 25℃
Parameter
Symbol
Rating
Unit
Notice
Reversr Voltage
V
R
32
V
Operating Temperature
Topr
-25 ~ +85
Storage Temperature
Tstg
-40 ~ +85
Lead Soldering Temperature
Tsol
260
Power Dissipation at(or below)
25
℃Free Air Temperature
Pc
150
mW
Electronic Optical Characteristics :
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Rang of Spectral
Bandwidth
λ
0.5
----
730-
1200
----
nm
-----
Wavelength of Peak
Sensitivity
λ
p
----
980
----
nm
----
Open-Circuit Voltage
V
OC
----
0.41
----
V
Short-Circuit Current
I
SC
----
15
----
μA
E
e=5mW/c㎡
λp=940nm
Reverse Light Current
I
L
----
15
----
μA
E
e=5mW/c㎡
λp=940nm
V
R=5V
Dark Current
I
D
----
----
10
nA
E
e=0mW/c㎡
V
R=10V
Reverse Breakdown
Voltage
B
VR
32
170
----
V
E
e=0mW/c㎡
I
R=100μA
Total Capacitance
C
t
----
6
----
pF
E
e=0mW/c㎡
f=1MHZ
V
R=5V
Turn-on/Turn-off
Time
t
on/toff
----
10/10
----
nS
R
L=1000Ω
V
R=10V


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MID-8541CSIDE LOOK PACKAGE PIN PHOTODIODE 1 2 3 Unity Opto Technology
SRD00217Ternary PIN Photodiode in Receptacle Package 1 2 3 Infineon Technologies AG
BPW43Silicon PIN Photodiode 1 2 3 4 5 Vishay Siliconix
PD438B4.8 MM SEMI LENS SILICON PIN PHOTODIODE 1 2 3 4 5 MoreList of Unclassifed Manufacturers
MID-85A1CSIDE LOOK PACKAGE PIN PHOTODIODE 1 2 3 Unity Opto Technology
BPW46Silicon PIN Photodiode 1 2 3 4 5 Vishay Siliconix
MID-85H1CSIDE LOOK PACKAGE PIN PHOTODIODE 1 2 3 Unity Opto Technology
BP104Silicon PIN Photodiode 1 2 3 4 5 Vishay Siliconix
BPW46LSilicon PIN Photodiode 1 2 3 4 5 Vishay Siliconix

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn