Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2708355 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2708355
Description  FO converters - PSI-MOS-RS422/FO 850 E
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2708355 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2708355 Datasheet HTML 1Page - PHOENIX CONTACT 2708355 Datasheet HTML 2Page - PHOENIX CONTACT 2708355 Datasheet HTML 3Page - PHOENIX CONTACT 2708355 Datasheet HTML 4Page - PHOENIX CONTACT 2708355 Datasheet HTML 5Page - PHOENIX CONTACT 2708355 Datasheet HTML 6Page - PHOENIX CONTACT 2708355 Datasheet HTML 7Page - PHOENIX CONTACT 2708355 Datasheet HTML 8Page - PHOENIX CONTACT 2708355 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
https://www.phoenixcontact.com/pi/products/2708355
09/12/2020   Page 2 / 17
FO converters - PSI-MOS-RS422/FO 850 E - 2708355
Technical data
Ambient conditions
Ambient temperature (operation)
-20 °C ... 60 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C
Permissible humidity (operation)
30 % ... 95 % (non-condensing)
Altitude
≤ 5000 m (For restrictions, see the manufacturer's declaration for
altitude operation)
Degree of protection
IP20
Noise immunity
EN 61000-6-2:2005
General
Transmission channels
2 (1/1) RD, TD, full duplex
Bit distortion, input
± 35 % (permitted)
Bit distortion, output
< 6.25 %
Electrical isolation
VCC // RS-422
Test voltage data interface/power supply
1.5 kVrms (50 Hz, 1 min.)
Electromagnetic compatibility
Conformance with EMC Directive 2014/30/EU
Noise emission
EN 55011
Net weight
190.238 g
Housing material
PA 6.6-FR
Color
green
MTBF
320 Years (Telcordia standard, 25°C temperature, 21% operating cycle
(5 days a week, 8 hours a day))
48 Years (Telcordia standard, 40°C temperature, 34.25% operating
cycle (5 days a week, 12 hours a day))
Power supply
Nominal supply voltage
24 V DC (With UL approval)
Supply voltage range
18 V DC ... 30 V DC
Max. current consumption
130 mA
Typical current consumption
120 mA (24 V DC)
Connection method
COMBICON plug-in screw terminal block
Interfaces
Interface 1
RS-422 interface in acc. with ITU-T V.11, EIA/TIA-422, DIN 66348-1
Operating mode
full duplex
Connection method
Pluggable screw connection
Transmission medium
Copper
Transmission length
≤ 1000 m (depending on the data rate, with shielded, twisted data cable)
Termination resistor
220 Ω
100 Ω
220 Ω
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
2.5 mm²
Conductor cross section flexible min.
0.2 mm²


Similar Part No. - 2708355

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2708300 PHOENIX-2708300 Datasheet
342Kb / 7P
   Can be combined with the PSI copper repeater in a modular way using DIN rail connectors
2708313 PHOENIX-2708313 Datasheet
1Mb / 36P
   FO converters - PSI-MOS-RS485W2/FO 660 E
Dec 2, 2022
2708326 PHOENIX-2708326 Datasheet
370Kb / 7P
   Supply voltage and data signals routed through via DIN rail connectors
2708339 PHOENIX-2708339 Datasheet
370Kb / 7P
   Can be combined with the PSI copper repeater in a modular way using DIN rail connectors
2708342 PHOENIX-2708342 Datasheet
1Mb / 27P
   FO converters - PSI-MOS-RS422/FO 660 E
Dec 2, 2022
More results

Similar Description - 2708355

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2708397 PHOENIX-2708397 Datasheet
1Mb / 31P
   FO converters - PSI-MOS-RS422/FO 850 T
Dec 2, 2022
2708342 PHOENIX-2708342 Datasheet
1Mb / 27P
   FO converters - PSI-MOS-RS422/FO 660 E
Dec 2, 2022
2313999 PHOENIX-2313999 Datasheet
333Kb / 7P
   FO converters - PSI-MOS-DNET/FO 850 E
2708274 PHOENIX-2708274 Datasheet
1Mb / 39P
   FO converters - PSI-MOS-PROFIB/FO 850 E
Dec 2, 2022
2708575 PHOENIX-2708575 Datasheet
958Kb / 25P
   FO converters - PSI-MOS-RS422/FO1300 E
Dec 2, 2022
2708711 PHOENIX-2708711 Datasheet
1Mb / 31P
   FO converters - PSI-MOS-PROFIB/FO 850 E-SO
Dec 2, 2022
2708384 PHOENIX-2708384 Datasheet
176Kb / 14P
   FO converters - PSI-MOS-RS422/FO 660 T
09/12/2020
101974 PHOENIX-101974 Datasheet
1Mb / 18P
   PSI-MOS-RS422/FO
2313986 PHOENIX-2313986 Datasheet
337Kb / 7P
   FO converters - PSI-MOS-DNET/FO 850 T
2708261 PHOENIX-2708261 Datasheet
1Mb / 38P
   FO converters - PSI-MOS-PROFIB/FO 850 T
Dec 2, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com