Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2708355 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2708355
Description  FO converters - PSI-MOS-RS422/FO 850 E
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2708355 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2708355 Datasheet HTML 1Page - PHOENIX CONTACT 2708355 Datasheet HTML 2Page - PHOENIX CONTACT 2708355 Datasheet HTML 3Page - PHOENIX CONTACT 2708355 Datasheet HTML 4Page - PHOENIX CONTACT 2708355 Datasheet HTML 5Page - PHOENIX CONTACT 2708355 Datasheet HTML 6Page - PHOENIX CONTACT 2708355 Datasheet HTML 7Page - PHOENIX CONTACT 2708355 Datasheet HTML 8Page - PHOENIX CONTACT 2708355 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
https://www.phoenixcontact.com/pi/products/2708355
09/12/2020   Page 1 / 17
FO converters - PSI-MOS-RS422/FO 850 E - 2708355
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
FO converter with integrated optical diagnostics, alarm contact, for RS-422/RS-485 4-wire/INTERBUS up to 2
Mbps, terminal device with one FO interface (BFOC), 850 nm, for PCF/fiberglass cable (multimode)
Your advantages
 Supply voltage routed through via DIN rail connectors
 Connections can be plugged in using a COMBICON screw terminal block
 Redundant power supply possible by means of optional system power supply unit
 High-quality electrical isolation between all interfaces (INTERBUS // fiber optic ports // power supply // DIN rail connector)
 Approved for use in zone 2
 Floating switch contact for leading alarm generation in relation to critical fiber optic paths
 Integrated optical diagnostics for continuous monitoring of fiber optic paths
 Intrinsically safe fiber optic interface (Ex op is) for direct connection to devices in zone 1
 Automatic data rate detection for all data rates up to 2 Mbps
 Shipbuilding approval in accordance with DNV GL
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4017918974053
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
Width
35 mm
Height
99 mm
Depth
103 mm


Similar Part No. - 2708355

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2708300 PHOENIX-2708300 Datasheet
342Kb / 7P
   Can be combined with the PSI copper repeater in a modular way using DIN rail connectors
2708313 PHOENIX-2708313 Datasheet
1Mb / 36P
   FO converters - PSI-MOS-RS485W2/FO 660 E
Dec 2, 2022
2708326 PHOENIX-2708326 Datasheet
370Kb / 7P
   Supply voltage and data signals routed through via DIN rail connectors
2708339 PHOENIX-2708339 Datasheet
370Kb / 7P
   Can be combined with the PSI copper repeater in a modular way using DIN rail connectors
2708342 PHOENIX-2708342 Datasheet
1Mb / 27P
   FO converters - PSI-MOS-RS422/FO 660 E
Dec 2, 2022
More results

Similar Description - 2708355

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2708397 PHOENIX-2708397 Datasheet
1Mb / 31P
   FO converters - PSI-MOS-RS422/FO 850 T
Dec 2, 2022
2708342 PHOENIX-2708342 Datasheet
1Mb / 27P
   FO converters - PSI-MOS-RS422/FO 660 E
Dec 2, 2022
2313999 PHOENIX-2313999 Datasheet
333Kb / 7P
   FO converters - PSI-MOS-DNET/FO 850 E
2708274 PHOENIX-2708274 Datasheet
1Mb / 39P
   FO converters - PSI-MOS-PROFIB/FO 850 E
Dec 2, 2022
2708575 PHOENIX-2708575 Datasheet
958Kb / 25P
   FO converters - PSI-MOS-RS422/FO1300 E
Dec 2, 2022
2708711 PHOENIX-2708711 Datasheet
1Mb / 31P
   FO converters - PSI-MOS-PROFIB/FO 850 E-SO
Dec 2, 2022
2708384 PHOENIX-2708384 Datasheet
176Kb / 14P
   FO converters - PSI-MOS-RS422/FO 660 T
09/12/2020
101974 PHOENIX-101974 Datasheet
1Mb / 18P
   PSI-MOS-RS422/FO
2313986 PHOENIX-2313986 Datasheet
337Kb / 7P
   FO converters - PSI-MOS-DNET/FO 850 T
2708261 PHOENIX-2708261 Datasheet
1Mb / 38P
   FO converters - PSI-MOS-PROFIB/FO 850 T
Dec 2, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com