Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

DS2065W Datasheet(PDF) 3 Page - Maxim Integrated Products

Part No. DS2065W
Description  3.3V Single-Piece 8Mb Nonvolatile SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

DS2065W Datasheet(HTML) 3 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DS2065W 3.3V Single-Piece 8Mb
Nonvolatile SRAM
_____________________________________________________________________
3
POWER-DOWN/POWER-UP TIMING
(TA = -40
°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC Fail Detect to CE and WE Inactive
tPD
(Note 7)
1.5
µs
VCC Slew from VTP to 0V
tF
150
µs
VCC Slew from 0V to VTP
tR
150
µs
VCC Valid to CE and WE Inactive
tPU
2ms
VCC Valid to End of Write Protection
tREC
125
ms
VCC Fail Detect to RST Active
tRPD
(Note 1)
3.0
µs
VCC Valid to RST Inactive
tRPU
(Note 1)
225
350
525
ms
DATA RETENTION
(TA = +25
°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Expected Data-Retention Time (Per Charge)
tDR
(Note 8)
2
3
years
AC ELECTRICAL CHARACTERISTICS
(VCC = 3.3V ±0.3V, TA = -40
°C to +85°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Read Cycle Time
tRC
100
ns
Access Time
tACC
100
ns
OE to Output Valid
tOE
50
ns
CE to Output Valid
tCO
100
ns
OE or CE to Output Active
tCOE
(Note 2)
5
ns
Output High Impedance from
Deselection
tOD
(Note 2)
35
ns
Output Hold from Address Change
tOH
5ns
Write Cycle Time
tWC
100
ns
Write Pulse Width
tWP
(Note 3)
75
ns
Address Setup Time
tAW
0ns
tWR1
(Note 4)
5
Write Recovery Time
tWR2
(Note 5)
20
ns
Output High Impedance from
WE
tODW
(Note 2)
35
ns
Output Active from
WE
tOEW
(Note 2)
5
ns
Data Setup Time
tDS
(Note 6)
40
ns
tDH1
(Note 4)
0
Data Hold Time
tDH2
(Note 5)
20
ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DS3065W3.3V Single-Piece 8Mb Nonvolatile SRAM with Clock 1 2 3 4 5 MoreMaxim Integrated Products
DS3050W3.3V Single-Piece 4Mb Nonvolatile SRAM with Clock 1 2 3 4 5 MoreMaxim Integrated Products
DS3045W3.3V Single-Piece 1Mb Nonvolatile SRAM with Clock 1 2 3 4 5 MoreMaxim Integrated Products
DS1265W3.3V 8Mb Nonvolatile SRAM 1 2 3 4 5 MoreDallas Semiconductor
DS2070W3.3V Single-Piece 16Mb Nonvolatile SRAM 1 2 3 4 5 MoreMaxim Integrated Products
DS2030YSingle-Piece 256kb Nonvolatile SRAM 1 2 3 4 5 MoreMaxim Integrated Products
DS1249W3.3V 2048kb Nonvolatile SRAM 1 2 3 4 5 MoreDallas Semiconductor
DS1230W3.3V 256k Nonvolatile SRAM 1 2 3 4 5 MoreDallas Semiconductor
DS1245W3.3V 1024k Nonvolatile SRAM 1 2 3 4 5 MoreDallas Semiconductor
DS1250W3.3V 4096k Nonvolatile SRAM 1 2 3 4 5 MoreDallas Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn