Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TGA2753-SM Datasheet(PDF) 14 Page - Qorvo, Inc

Part # TGA2753-SM
Description  5.9 ??7.1 GHz Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TGA2753-SM Datasheet(HTML) 14 Page - Qorvo, Inc

Back Button TGA2753-SM Datasheet HTML 7Page - Qorvo, Inc TGA2753-SM Datasheet HTML 8Page - Qorvo, Inc TGA2753-SM Datasheet HTML 9Page - Qorvo, Inc TGA2753-SM Datasheet HTML 10Page - Qorvo, Inc TGA2753-SM Datasheet HTML 11Page - Qorvo, Inc TGA2753-SM Datasheet HTML 12Page - Qorvo, Inc TGA2753-SM Datasheet HTML 13Page - Qorvo, Inc TGA2753-SM Datasheet HTML 14Page - Qorvo, Inc TGA2753-SM Datasheet HTML 15Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
TGA2753-SM
5.9 – 7.1 GHz Power Amplifier
Data Sheet Rev. B, September 2020 | Subject to change without notice
14 of 15
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
®
Tape and Reel Information
Feature
Measure
Symbol
Size (in)
Size (mm)
Cavity
Length
A0
0.366
9.3
Width
B0
0.287
7.3
Depth
K0
0.047
1.2
Pitch
P1
0.472
12.0
Centerline Distance
Cavity to Perforation - Length Direction
P2
0.079
2.0
Cavity to Perforation - Width Direction
F
0.217
5.50
Cover Tape
Width
C
0.362
9.20
Carrier Tape
Width
W
0.630
16.0
Notes:
1. Empty part cavities at the trailing and leading ends are sealed with cover tape. See EIA 481-1-A.
2. Labels are placed on the flange opposite the sprockets in the carrier tape.


Similar Part No. - TGA2753-SM

ManufacturerPart #DatasheetDescription
TriQuint Semiconductor
TriQuint Semiconductor
TGA2752-SM TRIQUINT-TGA2752-SM Datasheet
1Mb / 17P
   7.1 to 8.5 GHz Power Amplifier
Qorvo, Inc
Qorvo, Inc
TGA2752-SM QORVO-TGA2752-SM Datasheet
902Kb / 15P
   7.1 ??8.5 GHz Power Amplifier
TGA2752-SM,SAMPLE QORVO-TGA2752-SM,SAMPLE Datasheet
902Kb / 15P
   7.1 ??8.5 GHz Power Amplifier
TGA2752-SMEVALBOARD QORVO-TGA2752-SMEVALBOARD Datasheet
902Kb / 15P
   7.1 ??8.5 GHz Power Amplifier
TGA2752-SMT/R QORVO-TGA2752-SMT/R Datasheet
902Kb / 15P
   7.1 ??8.5 GHz Power Amplifier
More results

Similar Description - TGA2753-SM

ManufacturerPart #DatasheetDescription
M/A-COM Technology Solutions, Inc.
M/A-COM Technology Solu...
AM42-0039 MA-COM-AM42-0039 Datasheet
83Kb / 3P
   2 Watt C-Band VSAT Power Amplifier 5.9 - 7.1 GHz
AM42-0046 MA-COM-AM42-0046 Datasheet
129Kb / 3P
   4 Watt Extended C-Band VSAT Power Amplifier 5.9 - 7.1 GHz
Tyco Electronics
Tyco Electronics
AM42-0046 MACOM-AM42-0046 Datasheet
189Kb / 3P
   4 Watt Extended C-Band VSAT Power Amplifier 5.9 - 7.1 GHz
Qorvo, Inc
Qorvo, Inc
TGA2752-SM QORVO-TGA2752-SM Datasheet
902Kb / 15P
   7.1 ??8.5 GHz Power Amplifier
Tyco Electronics
Tyco Electronics
MAAP-000069-PKG003 MACOM-MAAP-000069-PKG003 Datasheet
207Kb / 4P
   Amplifier, Power, 2W 7.1-11.7 GHz
TriQuint Semiconductor
TriQuint Semiconductor
TGA2752-SM TRIQUINT-TGA2752-SM_15 Datasheet
1Mb / 17P
   7.1 to 8.5 GHz Power Amplifier
Excelics Semiconductor, Inc.
Excelics Semiconductor,...
EMP110 EXCELICS-EMP110 Datasheet
197Kb / 3P
   5.9 - 7.9 GHz Power Amplifier MMIC
SIRENZA MICRODEVICES
SIRENZA MICRODEVICES
STA-6033 SIRENZA-STA-6033 Datasheet
203Kb / 8P
   4.9 - 5.9 GHz 3.3V Power Amplifier
SZA-5044 SIRENZA-SZA-5044 Datasheet
210Kb / 7P
   4.9 - 5.9 GHz 5V Power Amplifier
Excelics Semiconductor, Inc.
Excelics Semiconductor,...
EMP107 EXCELICS-EMP107 Datasheet
195Kb / 4P
   5.9 - 7.9 GHz Power Amplifier MMIC
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com