Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TGA2753-SM Datasheet(PDF) 10 Page - Qorvo, Inc

Part # TGA2753-SM
Description  5.9 ??7.1 GHz Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TGA2753-SM Datasheet(HTML) 10 Page - Qorvo, Inc

Back Button TGA2753-SM Datasheet HTML 6Page - Qorvo, Inc TGA2753-SM Datasheet HTML 7Page - Qorvo, Inc TGA2753-SM Datasheet HTML 8Page - Qorvo, Inc TGA2753-SM Datasheet HTML 9Page - Qorvo, Inc TGA2753-SM Datasheet HTML 10Page - Qorvo, Inc TGA2753-SM Datasheet HTML 11Page - Qorvo, Inc TGA2753-SM Datasheet HTML 12Page - Qorvo, Inc TGA2753-SM Datasheet HTML 13Page - Qorvo, Inc TGA2753-SM Datasheet HTML 14Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
TGA2753-SM
5.9 – 7.1 GHz Power Amplifier
Data Sheet Rev. B, September 2020 | Subject to change without notice
10 of 15
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved. Confidential
®
Application Circuit
VG12 can be biased from either side, and the non-biased side can be left open.
VD1, VD2, VD3, must be biased from both sides.
Bias-up Procedure
Bias-down Procedure
VG12 set to
−1.2 V
Turn off RF signal
VG3 set to
−3.5 V
Reduce VG12 to
−1.2 V. Ensure ID ~ 0 mA
VD1, VD2
set to +6 V
Reduce VG3 to
−3.5 V. Ensure ID ~ 0 mA
VD3 sets to +28
 V
Turn VD1, VD2, VD3 to 0
 V
Adjust VG12 more positive until quiescent ID is 1000
 mA
Turn VG12, VG3 to 0
 V
Adjust VG3 more positive until quiescent ID
is 190 mA
Apply RF signal
2
5
4
3
1
8
7
6
9
10
11
12
13
14
15
16
17
18
19
20
21
29
26
27
28
30
23
24
25
22
42
41
40
39
38
37
36
35
34
33
32
31
TGA2753-SM
Vg12
Vg12
Vd1, Vd2
Vd3
Vd1, Vd2
Vg3
Vd3


Similar Part No. - TGA2753-SM

ManufacturerPart #DatasheetDescription
TriQuint Semiconductor
TriQuint Semiconductor
TGA2752-SM TRIQUINT-TGA2752-SM Datasheet
1Mb / 17P
   7.1 to 8.5 GHz Power Amplifier
Qorvo, Inc
Qorvo, Inc
TGA2752-SM QORVO-TGA2752-SM Datasheet
902Kb / 15P
   7.1 ??8.5 GHz Power Amplifier
TGA2752-SM,SAMPLE QORVO-TGA2752-SM,SAMPLE Datasheet
902Kb / 15P
   7.1 ??8.5 GHz Power Amplifier
TGA2752-SMEVALBOARD QORVO-TGA2752-SMEVALBOARD Datasheet
902Kb / 15P
   7.1 ??8.5 GHz Power Amplifier
TGA2752-SMT/R QORVO-TGA2752-SMT/R Datasheet
902Kb / 15P
   7.1 ??8.5 GHz Power Amplifier
More results

Similar Description - TGA2753-SM

ManufacturerPart #DatasheetDescription
M/A-COM Technology Solutions, Inc.
M/A-COM Technology Solu...
AM42-0039 MA-COM-AM42-0039 Datasheet
83Kb / 3P
   2 Watt C-Band VSAT Power Amplifier 5.9 - 7.1 GHz
AM42-0046 MA-COM-AM42-0046 Datasheet
129Kb / 3P
   4 Watt Extended C-Band VSAT Power Amplifier 5.9 - 7.1 GHz
Tyco Electronics
Tyco Electronics
AM42-0046 MACOM-AM42-0046 Datasheet
189Kb / 3P
   4 Watt Extended C-Band VSAT Power Amplifier 5.9 - 7.1 GHz
Qorvo, Inc
Qorvo, Inc
TGA2752-SM QORVO-TGA2752-SM Datasheet
902Kb / 15P
   7.1 ??8.5 GHz Power Amplifier
Tyco Electronics
Tyco Electronics
MAAP-000069-PKG003 MACOM-MAAP-000069-PKG003 Datasheet
207Kb / 4P
   Amplifier, Power, 2W 7.1-11.7 GHz
TriQuint Semiconductor
TriQuint Semiconductor
TGA2752-SM TRIQUINT-TGA2752-SM_15 Datasheet
1Mb / 17P
   7.1 to 8.5 GHz Power Amplifier
Excelics Semiconductor, Inc.
Excelics Semiconductor,...
EMP110 EXCELICS-EMP110 Datasheet
197Kb / 3P
   5.9 - 7.9 GHz Power Amplifier MMIC
SIRENZA MICRODEVICES
SIRENZA MICRODEVICES
STA-6033 SIRENZA-STA-6033 Datasheet
203Kb / 8P
   4.9 - 5.9 GHz 3.3V Power Amplifier
SZA-5044 SIRENZA-SZA-5044 Datasheet
210Kb / 7P
   4.9 - 5.9 GHz 5V Power Amplifier
Excelics Semiconductor, Inc.
Excelics Semiconductor,...
EMP107 EXCELICS-EMP107 Datasheet
195Kb / 4P
   5.9 - 7.9 GHz Power Amplifier MMIC
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com