Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M63991FP Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part No. M63991FP
Description  HIGH VOLTAGE HALF BRIDGE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M63991FP Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Sep. 2000
UV
DETECT
FILTER
DELAY
S
R
Q
UV
DETECT
FILTER
HV
LEVEL
SHIFT
PULSE
GEN
VDD/
VCC
LEVEL
SHIFT
INTER
LOCK
R
Q
R
S
VDD
HIN
LIN
GND
GND
LO
VCC
VS
HO
VB
LO
1
8
2
7
3
6
4
5
16
9
15
10
14
11
13
12
GND
VCC
NC
NC
VS
VB
HO
NC
GND
LIN
NC
HIN
VDD
NC
NC
APPLICATIONS
PDP. HID lamp.
MOSFET and IGBT inverter module driver for refrigerator,
air-conditioner, washing machine, AC-servomotor and gen-
eral purpose.
FEATURES
¡FLOATING SUPPLY VOLTAGE ................................... 600V
¡OUTPUT CURRENT .............................................
±500mA
¡HALF BRIDGE DRIVER
¡SOP-16
DESCRIPTION
M63991FP is high voltage Power MOSFET and IGBT mod-
ule driver for half bridge applications.
BLOCK DIAGRAM
PIN CONFIGURATION (TOP VIEW)
PACKAGE TYPE 16P2N
NC:NO CONNECTION
MITSUBISHI SEMICONDUCTORS <HVIC>
M63991FP
HIGH VOLTAGE HALF BRIDGE DRIVER


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HIP5500High Voltage IC Half Bridge Gate Driver 1 2 3 4 5 MoreIntersil Corporation
M81700FPHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 Mitsubishi Electric Semiconductor
M81701FPHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 Mitsubishi Electric Semiconductor
L6569HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR 1 2 3 4 5 MoreSTMicroelectronics
M81702FPHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 Mitsubishi Electric Semiconductor
L6571AHIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR 1 2 3 4 5 MoreSTMicroelectronics
M81703FPHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 Mitsubishi Electric Semiconductor
M63954PHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M63992FPHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M63994PHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn