Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M63991FP Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part No. M63991FP
Description  HIGH VOLTAGE HALF BRIDGE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M63991FP Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Sep. 2000
MITSUBISHI SEMICONDUCTORS <HVIC>
M63991FP
HIGH VOLTAGE HALF BRIDGE DRIVER
IOH, IOL vs. Temperature
IOH, IOL vs. Voltage
1000
700
800
900
600
500
–20
25
075
50
125
100
14
13
16
15
20
19
18
17
Ta (
°C)
VB, VCC (V)
–20
25
075
50
125
100
ROL vs. Temperature
ROL vs. Voltage
1000
900
800
700
600
500
–20
25
075
50
125
100
ROH vs. Temperature
ROH vs. Voltage
20.0
15.0
5.0
10.0
0.0
Ta (
°C)
20.0
15.0
10.0
5.0
0.0
VB, VCC (V)
35.0
30.0
25.0
20.0
15.0
VB, VCC (V)
35.0
30.0
25.0
20.0
15.0
Ta (
°C)
14
13
16
15
20
19
18
17
14
13
16
15
20
19
18
17


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HIP5500High Voltage IC Half Bridge Gate Driver 1 2 3 4 5 MoreIntersil Corporation
M81700FPHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 Mitsubishi Electric Semiconductor
M81701FPHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 Mitsubishi Electric Semiconductor
L6569HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR 1 2 3 4 5 MoreSTMicroelectronics
M81702FPHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 Mitsubishi Electric Semiconductor
L6571AHIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR 1 2 3 4 5 MoreSTMicroelectronics
M81703FPHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 Mitsubishi Electric Semiconductor
M63954PHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M63992FPHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M63994PHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn