Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IN9270 Datasheet(PDF) 4 Page - Integral Corp.

Part # IN9270
Description  DTMF RECEIVER High-Performance Silicon-Gate CMOS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN9270 Datasheet(HTML) 4 Page - Integral Corp.

  IN9270 Datasheet HTML 1Page - Integral Corp. IN9270 Datasheet HTML 2Page - Integral Corp. IN9270 Datasheet HTML 3Page - Integral Corp. IN9270 Datasheet HTML 4Page - Integral Corp. IN9270 Datasheet HTML 5Page - Integral Corp. IN9270 Datasheet HTML 6Page - Integral Corp. IN9270 Datasheet HTML 7Page - Integral Corp. IN9270 Datasheet HTML 8Page - Integral Corp. IN9270 Datasheet HTML 9Page - Integral Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
IN9270
2
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
-0.3 to +6.0
V
VIN
DC Input Voltage (Referenced to GND)
-0.3 to VCC +0.3
V
IIN
DC InputCurrent, per Pin
10
mA
PD
Power Dissipation in Still Air,
Plastic DIP
**
500
mW
Tstg
Storage Temperature
-65 to +150
°C
* Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
** Derating: -10 mW/°C from 65°C to 70°C.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
4.75
5.25
V
VIN
DC Input Voltage (Referenced to GND)
1.5
3.5
V
TA
Operating Temperature
-10
+70
°C
PO
Power Consumption ( f = 3.579 MHz, VCC = 5 V)
-
45
mW
tr, tf
Input Rise and Fall Time
0
110
ns
This device contains protection circuitry to guard against damage due to high static voltages or electric
fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated
voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range
GND
≤(V
IN or VOUT)≤VCC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC).
Unused outputs must be left open.


Similar Part No. - IN9270

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IN9004 ETC1-IN9004 Datasheet
410Kb / 14P
   INTEGRATED MICROCHIP MICRO-CONTROLLER
IN9004-1 ETC1-IN9004-1 Datasheet
410Kb / 14P
   INTEGRATED MICROCHIP MICRO-CONTROLLER
IN9004D ETC1-IN9004D Datasheet
410Kb / 14P
   INTEGRATED MICROCHIP MICRO-CONTROLLER
logo
Integral Corp.
IN90LS2323D INTEGRAL-IN90LS2323D Datasheet
189Kb / 9P
   8-BIT MICROCONTROLLER WITH 2K BYTES BUILD-IN PROGRAMMABLE FLASH
IN90LS2333DW INTEGRAL-IN90LS2333DW Datasheet
221Kb / 12P
   8-BIT MICROCONTROLLER WITH 2K/4K BYTES BUILD-IN PROGRAMMABLE FLASH
More results

Similar Description - IN9270

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK9270 KODENSHI-KK9270 Datasheet
579Kb / 12P
   DTMF RECEIVER High-Performance Silicon-Gate CMOS
logo
Integral Corp.
IL9270 INTEGRAL-IL9270 Datasheet
559Kb / 12P
   DTMF RECEIVER High-Performance Silicon-Gate CMOS
logo
California Micro Device...
CM8870 CALMIRCO-CM8870 Datasheet
231Kb / 8P
   CMOS Integrated DTMF Receiver
logo
ON Semiconductor
MC74HC4052 ONSEMI-MC74HC4052 Datasheet
213Kb / 16P
   High-Performance Silicon-Gate CMOS
logo
Motorola, Inc
MC74HC27A MOTOROLA-MC74HC27A Datasheet
138Kb / 5P
   High-performance Silicon-gate CMOS
logo
ARTSCHIP ELECTRONICS CO...
MC74HC595A ARTSCHIP-MC74HC595A Datasheet
1Mb / 10P
   High-Performance Silicon-Gate CMOS
logo
Motorola, Inc
74HC245A MOTOROLA-74HC245A Datasheet
142Kb / 7P
   High–Performance Silicon–Gate CMOS
logo
Mitel Networks Corporat...
MT8870D MITEL-MT8870D Datasheet
215Kb / 12P
   ISO2-CMOS Integrated DTMF Receiver
logo
Sanyo Semicon Device
LC7387M SANYO-LC7387M Datasheet
114Kb / 6P
   DTMF Receiver?
logo
List of Unclassifed Man...
HM9202 ETC1-HM9202 Datasheet
79Kb / 1P
   DTMF RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com