Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC3227TB Datasheet(PDF) 1 Page - California Eastern Labs

Part No. UPC3227TB
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPC3227TB Datasheet(HTML) 1 Page - California Eastern Labs

  UPC3227TB Datasheet HTML 1Page - California Eastern Labs UPC3227TB Datasheet HTML 2Page - California Eastern Labs UPC3227TB Datasheet HTML 3Page - California Eastern Labs UPC3227TB Datasheet HTML 4Page - California Eastern Labs UPC3227TB Datasheet HTML 5Page - California Eastern Labs UPC3227TB Datasheet HTML 6Page - California Eastern Labs UPC3227TB Datasheet HTML 7Page - California Eastern Labs UPC3227TB Datasheet HTML 8Page - California Eastern Labs UPC3227TB Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DESCRIPTION
The PC3227TB is a silicon germanium (SiGe) monolithic integrated circuit designed as IF amplifier for DBS tuners.
This IC is manufactured using our 50 GHz fmax UHS2 (UltraHighSpeed Process) SiGe bipolar process.
FEATURES
• Low current
: ICC = 4.8 mA TYP. @ VCC = 5.0 V
• Output power
: PO (sat) = 1.0 dBm TYP. @ f = 1.0 GHz
: PO (sat) = 3.5 dBm TYP. @ f = 2.2 GHz
• High linearity
: PO (1dB) = 6.5 dBm TYP. @ f = 1.0 GHz
: PO (1dB) = 8.0 dBm TYP. @ f = 2.2 GHz
• Power gain
: GP = 22.0 dB TYP. @ f = 1.0 GHz
: GP = 22.0 dB TYP. @ f = 2.2 GHz
• Noise Figure
: NF = 4.7 dB TYP. @ f = 1.0 GHz
: NF = 4.6 dB TYP. @ f = 2.2 GHz
• Supply voltage
: VCC = 4.5 to 5.5 V
• Port impedance
: input/output 50
APPLICATIONS
• IF amplifiers in LNB for DBS converters etc.
ORDERING INFORMATION
Part Number
Order Number
Package
Marking
Supplying Form
PC3227TB-E3
PC3227TB-E3-A 6-pin super minimold
(Pb-Free)
Note
C3P
Embossed tape 8 mm wide.
1, 2, 3 pins face the perforation side of the tape.
Qty 3 kpcs/reel.
Note With regards to terminal solder (the solder contains lead) plated products (conventionally plated), contact
your nearby sales office.
Remark
To order evaluation samples, please contact your nearby sales office.
Part number for sample order:
PC3227TB
Caution Observe precautions when handling because these devices are sensitive to electrostatic discharge.
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC3227TB
5 V, SILICON GERMANIUM MMIC
WIDEBAND AMPLIFIER
Document No. PU10557EJ02V0DS (2nd edition)
Date Published July 2005 CP(K)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn