Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPC3227TB Datasheet(PDF) 4 Page - California Eastern Labs

Part No. UPC3227TB
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

UPC3227TB Datasheet(HTML) 4 Page - California Eastern Labs

  UPC3227TB Datasheet HTML 1Page - California Eastern Labs UPC3227TB Datasheet HTML 2Page - California Eastern Labs UPC3227TB Datasheet HTML 3Page - California Eastern Labs UPC3227TB Datasheet HTML 4Page - California Eastern Labs UPC3227TB Datasheet HTML 5Page - California Eastern Labs UPC3227TB Datasheet HTML 6Page - California Eastern Labs UPC3227TB Datasheet HTML 7Page - California Eastern Labs UPC3227TB Datasheet HTML 8Page - California Eastern Labs UPC3227TB Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ELECTRICAL CHARACTERISTICS (TA = +25
°C, VCC = 5.0 V, ZS = ZL = 50 )
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Circuit Current
ICC
No input signal
4.0
4.8
6.0
mA
Power Gain 1
GP1
f = 0.1 GHz, Pin = 40 dBm
20.5
22.5
24.5
dB
Power Gain 2
GP2
f = 1.0 GHz, Pin = 40 dBm
19.5
22.0
24.5
Power Gain 3
GP3
f = 1.8 GHz, Pin = 40 dBm
19.0
22.0
25.0
Power Gain 4
GP4
f = 2.2 GHz, Pin = 40 dBm
19.0
22.0
25.0
Power Gain 5
GP5
f = 2.6 GHz, Pin = 40 dBm
19.0
22.0
25.0
Power Gain 6
GP6
f = 3.0 GHz, Pin = 40 dBm
18.0
21.0
24.5
Saturated Output Power 1
PO (sat) 1
f = 1.0 GHz, Pin = 12 dBm
3.5
1.0
dBm
Saturated Output Power 2
PO (sat) 2
f = 2.2 GHz, Pin = 12 dBm
6.0
3.5
Gain 1 dB Compression Output Power 1 PO (1 dB) 1
f = 1.0 GHz
9.0
6.5
dBm
Gain 1 dB Compression Output Power 2 PO (1 dB) 2
f = 2.2 GHz
11.0
8.0
Noise Figure 1
NF1
f = 1.0 GHz
4.7
5.5
dB
Noise Figure 2
NF2
f = 2.2 GHz
4.6
5.5
Isolation 1
ISL1
f = 1.0 GHz, Pin = 40 dBm
35
40
dB
Isolation 2
ISL2
f = 2.2 GHz, Pin = 40 dBm
35
43
Input Return Loss 1
RLin1
f = 1.0 GHz, Pin = 40 dBm
7.5
10.5
dB
Input Return Loss 2
RLin2
f = 2.2 GHz, Pin = 40 dBm
7.5
10.5
Output Return Loss 1
RLout1
f = 1.0 GHz, Pin = 40 dBm
10.0
13.5
dB
Output Return Loss 2
RLout2
f = 2.2 GHz, Pin = 40 dBm
7.5
9.5
Input 3rd Order Distortion
Intercept Point 1
IIP31
f1 = 1 000 MHz, f2 = 1 001 MHz,
Pin = 40 dBm
18.0
dBm
Input 3rd Order Distortion
Intercept Point 2
IIP32
f1 = 2 200 MHz, f2 = 2 201 MHz,
Pin = 40 dBm
20.5
Output 3rd Order Distortion
Intercept Point 1
OIP31
f1 = 1 000 MHz, f2 = 1 001 MHz,
Pin = 40 dBm
+4.0
dBm
Output 3rd Order Distortion
Intercept Point 2
OIP32
f1 = 2 200 MHz, f2 = 2 201 MHz,
Pin = 40 dBm
+1.5
2nd Order Intermodulation Distortion
IM2
f1 = 1 000 MHz, f2 = 1 001 MHz,
Pin = 40 dBm
30.5
dBc
K factor 1
K1
f = 1.0 GHz
3.8
K factor 2
K2
f = 2.2 GHz
3.9
Data Sheet PU10557EJ02V0DS
4
UPC3227TB


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn