Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61C64B-12T Datasheet(PDF) 8 Page - Integrated Silicon Solution, Inc

Part # IS61C64B-12T
Description  8K x 8 HIGH-SPEED CMOS STATIC RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61C64B-12T Datasheet(HTML) 8 Page - Integrated Silicon Solution, Inc

  IS61C64B-12T Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61C64B-12T Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61C64B-12T Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61C64B-12T Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61C64B-12T Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61C64B-12T Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61C64B-12T Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61C64B-12T Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61C64B-12T Datasheet HTML 9Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
IS61C64B
ISSI®
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. D
07/01/02
WRITE CYCLE NO. 2 (
CE1
CE1
CE1
CE1
CE1, CE2 Controlled)(1,2)
HIGH-Z
DATA UNDEFINED
DATA-IN VALID
tWC
tSCE
tSA
tHA
tPWE
tAW
tHZWE
tSD
tHD
tLZWE
ADDRESS
DIN
CE
WE
DOUT
Notes:
1. The internal write time is defined by the overlap of
CE LOW and WE LOW. All signals must be in valid states to initiate a Write,
but any one can go inactive to terminate the Write. The Data Input Setup and Hold timing are referenced to the rising or falling
edge of the signal that terminates the write.
2. I/O will assume the High-Z state if
OE = VIH.
AC WAVEFORMS
WRITE CYCLE NO. 1 (
WE
WE
WE
WE
WE Controlled)(1,2)
DATA-IN VALID
DATA UNDEFINED
tWC
tSCE
tAW
tHA
tPWE
tHZWE
HIGH-Z
tLZWE
tSA
tSD
tHD
ADDRESS
CE
WE
DOUT
DIN


Similar Part No. - IS61C64B-12T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C6416 ISSI-IS61C6416 Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416-10K ISSI-IS61C6416-10K Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416-10T ISSI-IS61C6416-10T Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416-12K ISSI-IS61C6416-12K Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C6416-12KI ISSI-IS61C6416-12KI Datasheet
487Kb / 9P
   64K x 16 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61C64B-12T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C64AL_0610 ISSI-IS61C64AL_0610 Datasheet
104Kb / 13P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C64AL ISSI-IS61C64AL Datasheet
96Kb / 13P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W2465A WINBOND-W2465A Datasheet
207Kb / 9P
   8K X 8 High Speed CMOS Static RAM
logo
Integrated Circuit Solu...
IS61C64AH ICSI-IS61C64AH Datasheet
433Kb / 8P
   8K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Winbond
W2464A WINBOND-W2464A Datasheet
441Kb / 10P
   8K * 8 HIGH SPEED CMOS STATIC RAM
W2465 WINBOND-W2465 Datasheet
228Kb / 10P
   8K X 8 CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C165 PYRAMID-P4C165 Datasheet
178Kb / 9P
   ULTRA HIGH SPEED 8K x 8 RESETTABLE STATIC CMOS RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com