Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX6775 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part No. MAX6775
Description  Low-Power, 1%-Accurate Battery Monitors in uDFN and SC70 Packages
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX6775 Datasheet(HTML) 5 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Low-Power, 1%-Accurate Battery
Monitors in µDFN and SC70 Packages
_______________________________________________________________________________________
5
Pin Description
MAX6775/
MAX6776
MAX6777/
MAX6778
MAX6779/
MAX6780/
MAX6781
µDFN
SC70
µDFN
SC70
µDFN
NAME
FUNCTION
1
1
GND2
Reserved. Must be connected to GND. Do not use as the only
GND connection.
2
2
2
2
2
GND
Ground
3
3
LBI
Low-Battery Input. Connect to the resistive divider to set the
trip level.
44
4
4
LBO
Low-Battery Output, Active-Low. When VLBI/VLBL falls below
the falling threshold, LBO asserts. LBO deasserts when
VLBI/VLBH exceeds the rising threshold voltage.
5
5
N.C.
No Connection. Not internally connected.
6
5
6
5
6
BATT
Battery Input. Power supply to the device.
1
1
LBH
Rising-Trip-Level Input. Connect to a resistive divider to set the
rising trip level.
3
3
LBL
Falling-Trip-Level Input. Connect to a resistive divider to set the
falling trip level.
1
LBI2
Low-Battery Input 2. Connect to a resistive divider to set the
trip level.
3
LBI1
Low-Battery Input 1. Connect to a resistive divider to set the
trip level.
——
4
LBO1
Low-Battery Output 1, Active-Low. When VLBI1 falls below the
falling threshold voltage, LBO1 asserts. LBO1 deasserts when
VLBI1 exceeds the rising threshold voltage. LBO1 is push-pull
on the MAX6779/MAX6781 and open-drain for the MAX6780.
——
5
LBO2
Low-Battery Output 2, Active-Low. When VLBI2 falls below the
falling threshold voltage, LBO2 asserts. LBO2 deasserts when
VLBI2 exceeds the rising threshold voltage. LBO2 is open-drain
for the MAX6780/MAX6781 and push-pull for the MAX6779.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn