Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX6775 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part No. MAX6775
Description  Low-Power, 1%-Accurate Battery Monitors in uDFN and SC70 Packages
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX6775 Datasheet(HTML) 2 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Low-Power, 1%-Accurate Battery
Monitors in µDFN and SC70 Packages
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VBATT = 1.6V to 5.5V, TA = -40°C to +85°C, unless otherwise specified. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
BATT to GND............................................................-0.3V to +6V
LBI, LBL, LBH, LBI1, LBI2 to GND ...............-0.3V to minimum of
((VBATT + 0.3V) and +6V)
LBO, LBO1, LBO2 to GND (open-drain) .................-0.3V to +6V
LBO, LBO1, LBO2 to GND (push-pull).........-0.3V to minimum of
((VBATT + 0.3V) and +6V)
Input Current (all pins) ........................................................20mA
Output Current (all pins) .....................................................20mA
Continuous Power Dissipation (TA = +70°C)
5-Pin SC70 (derate 3.1mW/°C above +70°C) ..............247mW
6-Pin µDFN (derate 2.1mW°C above +70°C) ..............168mW
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = 0°C to +70°C
1.0
5.5
Operating Voltage Range
(Note 2)
VBATT
TA = -40°C to +85°C
1.2
5.5
V
VBATT = 3.7V, no load
4
7
Supply Current
IQ
VBATT = 1.8V, no load
3.2
6
µA
FIXED HYSTERESIS (MAX6775/MAX6776/MAX6779/MAX6780/MAX6781)
0.5% hysteresis version
1.2037
1.2159
1.2280
5% hysteresis version
1.1493
1.1609
1.1725
LBI, LBI_ Falling Threshold
(Note 3)
VLBIF
10% hysteresis version
1.0888
1.0998
1.1108
V
LBI Rising Threshold
VLBIR
1.2098
1.222
1.2342
V
LBI Input Leakage Current
0.2V
≤ VLBI ≤ VBATT - 0.2V
-5
+5
nA
ADJUSTABLE HYSTERESIS (MAX6777/MAX6778)
LBL, LBH Threshold
VBATT = 1.8V to 5.5V
1.2098
1.222
1.2342
V
LBL, LBH Input Leakage Current
VBATT - 0.2V
≥ VLBL/LBH ≥ 0.2V
-5
+5
nA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn