Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ2940T-5.0TR Datasheet(PDF) 10 Page - BCD Semiconductor Manufacturing Limited

Part # AZ2940T-5.0TR
Description  1A ULTRA LOW DROPOUT LINEAR REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ2940T-5.0TR Datasheet(HTML) 10 Page - BCD Semiconductor Manufacturing Limited

Back Button AZ2940T-5.0TR Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ2940T-5.0TR Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ2940T-5.0TR Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ2940T-5.0TR Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AZ2940T-5.0TR Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AZ2940T-5.0TR Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AZ2940T-5.0TR Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AZ2940T-5.0TR Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AZ2940T-5.0TR Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940
Data Sheet
10
Sep. 2005 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics (Continued)
Figure 8. Dropout Voltage vs. Output Current
Figure 9. Ground Current vs. Temperature
Figure 10. Ground Current vs. Temperature
0
250
500
750
1000
1250
1500
0
50
100
150
200
250
300
350
400
450
500
Output Current (mA)
AZ2940-5.0V
-25
0
25
50
75
100
125
0.27
0.28
0.29
0.30
0.31
0.32
0.33
0.34
0.35
0.36
0.37
Temperature (
oC)
V
IN
=6V
I
OUT
=10mA
AZ2940-5.0V
-25
0
25
50
75
100
125
1.50
1.75
2.00
2.25
2.50
2.75
3.00
3.25
3.50
Temperature (
oC)
V
IN
=6V
I
OUT
=500mA
AZ2940-5.0V
Figure 11. Ground Current vs. Temperature
-25
0
25
50
75
100
125
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
Temperature (
oC)
V
IN
=6V
I
OUT
=1A
AZ2940-5.0V


Similar Part No. - AZ2940T-5.0TR

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ2940T-5.0 BCDSEMI-AZ2940T-5.0 Datasheet
200Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940T-5.0E1 BCDSEMI-AZ2940T-5.0E1 Datasheet
200Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940T-5.0E1 BCDSEMI-AZ2940T-5.0E1 Datasheet
907Kb / 22P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
AZ2940T-5.0G1 BCDSEMI-AZ2940T-5.0G1 Datasheet
907Kb / 22P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - AZ2940T-5.0TR

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ2940 BCDSEMI-AZ2940_07 Datasheet
200Kb / 18P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Intersil Corporation
ISL80121-5 INTERSIL-ISL80121-5_11 Datasheet
493Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4940 HTC-TJ4940 Datasheet
178Kb / 8P
   1A Ultra Low Dropout Linear Regulator
TJ3964 HTC-TJ3964 Datasheet
336Kb / 11P
   1A Ultra Low Dropout Linear Regulator
logo
Eutech Microelectronics...
EUP7961 EUTECH-EUP7961 Datasheet
344Kb / 12P
   1A Ultra Low-Dropout Linear Regulator
EUP7961 EUTECH-EUP7961_09 Datasheet
250Kb / 13P
   1A Ultra Low-Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4210 HTC-TJ4210 Datasheet
704Kb / 12P
   1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8901 A-POWER-APE8901_14 Datasheet
219Kb / 8P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ3940 HTC-TJ3940 Datasheet
287Kb / 8P
   1A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8961 A-POWER-APE8961 Datasheet
456Kb / 9P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com