Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M63954P Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part No. M63954P
Description  HIGH VOLTAGE HALF BRIDGE DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M63954P Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Sep. 2000
MITSUBISHI SEMICONDUCTORS <HVIC>
M63954P
HIGH VOLTAGE HALF BRIDGE DRIVER
PERFORMANCE CURVES
Thermal Derating Factor Characteristic
ICC–VCC Characteristic
0
0.5
1
1.5
2
025
75
50
150
125
100
8
13
18
23
Ambient Temperature Ta (
°C)
VCC (V)
8
13
18
23
8
13
18
23
VREG–VCC Characteristic
tDEAD–VCC Characteristic
6
0
1
2
3
4
5
8
13
18
23
8
13
18
23
VLOH–VCC Characteristic
VLOL–VCC Characteristic
7.5
8.0
7.0
6.5
6.0
VCC (V)
1
1.1
1.2
1.3
1.4
1.5
VCC (V)
10
0
2
4
6
8
VCC (V)
20
15
10
5
0
VCC (V)
On Board
Frequency=115kHz
Frequency=50kHz
Frequency=50kHz
suspended
Standby
tDEAD2
ILO=0mA
ILO=–20mA
ILO=–200mA
ILO=200mA
ILO=20mA
ILO=0
tDEAD1
Non Board
Oscillation
suspended
Oscillation


Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HIP5500High Voltage IC Half Bridge Gate Driver 1 2 3 4 5 MoreIntersil Corporation
M81700FPHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 Mitsubishi Electric Semiconductor
M81701FPHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 Mitsubishi Electric Semiconductor
L6569HIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR 1 2 3 4 5 MoreSTMicroelectronics
M81702FPHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 Mitsubishi Electric Semiconductor
L6571AHIGH VOLTAGE HALF BRIDGE DRIVER WITH OSCILLATOR 1 2 3 4 5 MoreSTMicroelectronics
M81703FPHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 Mitsubishi Electric Semiconductor
M63991FPHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M63992FPHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M63994PHIGH VOLTAGE HALF BRIDGE DRIVER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn