Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AS78L18RTR Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part No. AS78L18RTR
Description  100mA POSITIVE VOLTAGE REGULATOR
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Homepage  http://www.bcdsemi.com
Logo 

AS78L18RTR Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

 
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
100mA POSITIVE VOLTAGE REGULATOR
AS78LXX
Preliminary Datasheet
1
Feb. 2006 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
General Description
The AS78LXX series are three terminal positive regu-
lators designed for a wide variety of applications
including local, on-card regulation.
This series of regulators are complete with internal
current limiting, thermal shutdown protection, and
safe-area compensation which make them virtually
immune from output overload. If adequate heat sinking
are provided, these regulators can deliver output cur-
rents up to 100mA.
The AS78LXX series are available in TO-92 and SOT-
89-3 packages.
Features
·
Output Current up to 100mA
·
Fixed Output Voltages of 5V, 12V, 15V, 18V and
24V
·
Output Voltage Accuracy of
±5% over the Full
Temperature Range
·
Internal Short Circuit Current Limiting
·
Internal Thermal Overload Protection
·
No External Components
·
Output Transistor Safe-area Protection
Applications
·
Consumer Electronics
·
Microprocessor Power Supply
·
Mother Board
Figure 1. Package Types of AS78LXX
TO-92
SOT-89-3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn