Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AS78L18RTR Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part No. AS78L18RTR
Description  100mA POSITIVE VOLTAGE REGULATOR
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Homepage  http://www.bcdsemi.com
Logo 

AS78L18RTR Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

 
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
100mA POSITIVE VOLTAGE REGULATOR
AS78LXX
Preliminary Datasheet
4
Feb. 2006 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
Package
Temperature
Range
Part Number
Marking ID
Packing Type
Tin Lead
Lead Free
Tin Lead
Lead Free
TO-92
-40 to 125oC
AS78L05Z-E1
AS78L05Z-E1
Bulk
AS78L05ZTR-E1
AS78L05Z-E1
Ammo
AS78L12Z-E1
AS78L12Z-E1
Bulk
AS78L12ZTR-E1
AS78L12Z-E1
Ammo
AS78L15Z-E1
AS78L15Z-E1
Bulk
AS78L15ZTR-E1
AS78L15Z-E1
Ammo
AS78L18Z-E1
AS78L18Z-E1
Bulk
AS78L18ZTR-E1
AS78L18Z-E1
Ammo
AS78L24Z-E1
AS78L24Z-E1
Bulk
AS78L24ZTR-E1
AS78L24Z-E1
Ammo
SOT-89-3
-40 to 125
oC
AS78L05RTR-E1
E78E
Tape & Reel
AS78L12RTR-E1
E78F
Tape & Reel
AS78L15RTR-E1
E78G
Tape & Reel
AS78L18RTR-E1
E78H
Tape & Reel
AS78L24RTR-E1
E78I
Tape & Reel
Ordering Information
Circuit Type
Package
E1: Lead Free
AS78LXX
TR: Tape & Reel or Ammo
Z: TO-92
-
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
Output Voltage
05: 05V
12: 12V
Blank: Bulk
R: SOT-89-3
15: 15V
18: 18V
24: 24V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn