Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ317S Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AZ317S
Description  3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ317S Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AZ317S Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ317S Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ317S Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ317S Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ317S Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ317S Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ317S Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ317S Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ317S Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
AZ317
Data Sheet
2
Apr. 2005 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
H Package
(SOT-223)
T Package
(TO-220)
(TO-252)
D Package
Pin Configuration
Functional Block Diagram
Figure 3. Functional Block Diagram of AZ317
INPUT
OUTPUT
ADJ
VOUT
Figure 2. Pin Configuration of AZ317 (Top View)
1
2
3
INPUT
OUTPUT
ADJ
VOUT
1
2
3
INPUT
OUTPUT
ADJ
INPUT
OUTPUT
ADJ
VOUT
1
2
3
Thermal
Shutdown
+
+
_
Current
Limiter
S Package
(TO-263)
INPUT
OUTPUT
ADJ
1
2
3
1
2
3


Similar Part No. - AZ317S

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ317S BCDSEMI-AZ317S Datasheet
183Kb / 14P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
AZ317S-E1 BCDSEMI-AZ317S-E1 Datasheet
183Kb / 14P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
AZ317S-E1 BCDSEMI-AZ317S-E1 Datasheet
786Kb / 15P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
AZ317S-G1 BCDSEMI-AZ317S-G1 Datasheet
786Kb / 15P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
AZ317STR BCDSEMI-AZ317STR Datasheet
183Kb / 14P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
More results

Similar Description - AZ317S

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ317 BCDSEMI-AZ317_13 Datasheet
786Kb / 15P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
AZ317 BCDSEMI-AZ317_07 Datasheet
183Kb / 14P
   3-TERMINAL 1A ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
UTCLM317 UTC-UTCLM317 Datasheet
29Kb / 4P
   3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GELM317 ETC2-GELM317 Datasheet
281Kb / 4P
   3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Continental Device Indi...
LM317 CDIL-LM317 Datasheet
402Kb / 4P
   3-TERMINAL 1A POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
First Silicon Co., Ltd
FR317LSC FS-FR317LSC Datasheet
484Kb / 3P
   3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR
FR317P FS-FR317P Datasheet
280Kb / 5P
   3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR
FR317L FS-FR317L Datasheet
197Kb / 5P
   3-TERMINAL 1A POSITIVE ADJUSTABLE REGULATOR
logo
List of Unclassifed Man...
LM317 ETC-LM317 Datasheet
202Kb / 3P
   3-TERMINAL 1A POSTIVE ADJUSTABLE REGULATOR
logo
SHANTOU HUASHAN ELECTRO...
HTL431 HUASHAN-HTL431 Datasheet
230Kb / 3P
   3-TERMINAL ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com