Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2202K-2.9TRE1 Datasheet(PDF) 11 Page - BCD Semiconductor Manufacturing Limited

Part # AP2202K-2.9TRE1
Description  150mA RF ULDO REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2202K-2.9TRE1 Datasheet(HTML) 11 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2202K-2.9TRE1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2202K-2.9TRE1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2202K-2.9TRE1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2202K-2.9TRE1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2202K-2.9TRE1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2202K-2.9TRE1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2202K-2.9TRE1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2202K-2.9TRE1 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2202K-2.9TRE1 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
150mA RF ULDO REGULATOR
AP2202
Preliminary Datasheet
11
Aug. 2005 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Application Information
External Capacitors
Regarding good performance of regulator stability,
external capacitors required by the AP2202 should
be prudently selected.
Input Capacitor
If there is more than 10 inches of wire between the
input and the AC filter, or if a battery is used as the
input, a 1µF capacitor should be placed from IN to
GND.
Output Capacitor
It is required to prevent oscillation. 1.0µF minimum
is recommended when CBYP is unused. 2.2µF mini-
mum is recommended when CBYP is 470pF. The out-
put capacitor may be increased without limit for
large values to improve transient response.
In most cases, tantalum or aluminium electrolytic
capacitors are adequate.
Noise Bypass Capacitor
Bypass capacitor is connected to the internal voltage
reference. A 680pF capacitor connected from BYP to
GND leads reference to be quiet which results in a
significant reduction in output noise. When using
CBYP, output capacitors of 2.2µF or greater are
required for better stability.
The start-up speed of the AP2202 is inversely
proportional to the value of reference bypass
capacitor. In some cases, if output noise is not a
major concern and rapid turn-on is necessary, omit
CBYP and leave BYP open.
Figure 15. Typical Application of AP2202
BYP
C
BYP
470pF
EN
GND
+
AP2202-2.8V
V
IN=3.8V
V
OUT=2.8V
V
OUT
V
IN
2.2
µF
C
IN
1.0
µF
tantalum
V
IN
C
OUT
V
OUT
Typical Application
ADJ
EN
GND
+
AP2202-ADJ
tantalum
R1
R2
optional
V
OUT=1.25* (1+R2/R1)
V
IN
C
IN
V
IN
V
OUT
C
BYP
V
OUT
C
OUT
1.0
µF
2.2
µF


Similar Part No. - AP2202K-2.9TRE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2202K-2.9TRE1 BCDSEMI-AP2202K-2.9TRE1 Datasheet
258Kb / 33P
   150mA RF ULDO REGULATOR
More results

Similar Description - AP2202K-2.9TRE1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2201 BCDSEMI-AP2201 Datasheet
150Kb / 12P
   150mA RF ULDO REGULATOR
AP2202 BCDSEMI-AP2202_07 Datasheet
258Kb / 33P
   150mA RF ULDO REGULATOR
logo
Diodes Incorporated
AP2202 DIODES-AP2202 Datasheet
1Mb / 26P
   150mA RF ULDO REGULATOR
Rev. 6 - 2 August 2022
logo
BCD Semiconductor Manuf...
AP2203 BCDSEMI-AP2203 Datasheet
158Kb / 19P
   150mA RF ULDO REGULATOR WITH ERROR FLAG
logo
Diodes Incorporated
AP2210 DIODES-AP2210 Datasheet
715Kb / 30P
   300mA RF ULDO REGULATOR
Rev. 4 - 2 March 2021
logo
BCD Semiconductor Manuf...
AP2210 BCDSEMI-AP2210 Datasheet
204Kb / 22P
   300mA RF ULDO REGULATOR
AP2204 BCDSEMI-AP2204_10 Datasheet
913Kb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
AP2204 BCDSEMI-AP2204 Datasheet
377Kb / 2P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
ACE Technology Co., LTD...
ACE504A ACE-ACE504A Datasheet
349Kb / 12P
   Wide Input Voltage Range, 150mA ULDO Regulator
VER 1.2
logo
Diodes Incorporated
AP7387 DIODES-AP7387 Datasheet
1Mb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com