Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP2202K-ADJTR Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP2202K-ADJTR
Description  150mA RF ULDO REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2202K-ADJTR Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP2202K-ADJTR Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2202K-ADJTR Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2202K-ADJTR Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2202K-ADJTR Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2202K-ADJTR Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2202K-ADJTR Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2202K-ADJTR Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2202K-ADJTR Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2202K-ADJTR Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
150mA RF ULDO REGULATOR
AP2202
Preliminary Datasheet
1
Aug. 2005 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
General Description
The AP2202 is a 150mA ULDO regulator which pro-
vides very low noise (45µVrms at 80Hz-100KHz),
ultra low dropout voltage (typically 165mV at
150mA), very low quiescent current (1µA maximum)
and excellent power supply ripple rejection (PSRR
75dB at 100Hz) in battery powered applications, such
as handsets and PDAs and in noise sensitive applica-
tions, such as RF electronics.
The AP2202 also features logic compatible enable/
shutdown control inputs, a low power shutdown mode
for extended battery life, over current protection, over
temperature protection, as well as reversed-battery pro-
tection.
The output capacitor of 1.0µF minimum and 2.2µF
minimum near its pin are recommended when CBYP is
unused and 470pF respectively. Tantalum or alumin-
ium electrolytic capacitors are adequate. Bypass
capacitor is connected to the internal voltage reference
to quiet noise. Its recommended value is from 470pF to
1nF. If output noise is not a major concern and rapid
turn-on is necessary, omit CBYP and leave BYP open.
The AP2202 has adjustable, 2.5V, 2.6V, 2.7V, 2.8V,
2.9V, 3.0V, 3.3V and 4.0V versions.
The AP2202 is available in space saving SOT-23-5
package.
Features
·
Up to 150mA Regulator Output
·
Low Quiescent Current
·
Low Dropout Voltage: VD=165mV at 150mA
·
High Precision Output Voltage: ±1%
·
Output Noise: 45µVrms at 80Hz-100KHz
·
Good Ripple Rejection Ability: 75dB at 100Hz
and IOUT=100µA
·
Tight Load and Line Regulation
·
Low Temperature Coefficient
·
Over Current Protection
·
Thermal Protection
·
Reverse-battery Protection
·
Zero Off-mode Current
·
Logic-controlled Enable
Applications
·
Cellular Phones
·
Cordless Phones
·
Digital Still Cameras
·
Wireless Communicators
·
PDAs / Palmtops
·
PC Mother Board
·
Consumer Electronics
SOT-23-5
Figure 1. Package Type of AP2202


Similar Part No. - AP2202K-ADJTR

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2202K-ADJTR BCDSEMI-AP2202K-ADJTR Datasheet
258Kb / 33P
   150mA RF ULDO REGULATOR
AP2202K-ADJTRE1 BCDSEMI-AP2202K-ADJTRE1 Datasheet
258Kb / 33P
   150mA RF ULDO REGULATOR
logo
Diodes Incorporated
AP2202K-ADJTRE1 DIODES-AP2202K-ADJTRE1 Datasheet
1Mb / 26P
   150mA RF ULDO REGULATOR
Rev. 6 - 2 August 2022
AP2202K-ADJTRG1 DIODES-AP2202K-ADJTRG1 Datasheet
1Mb / 26P
   150mA RF ULDO REGULATOR
Rev. 6 - 2 August 2022
More results

Similar Description - AP2202K-ADJTR

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2201 BCDSEMI-AP2201 Datasheet
150Kb / 12P
   150mA RF ULDO REGULATOR
AP2202 BCDSEMI-AP2202_07 Datasheet
258Kb / 33P
   150mA RF ULDO REGULATOR
logo
Diodes Incorporated
AP2202 DIODES-AP2202 Datasheet
1Mb / 26P
   150mA RF ULDO REGULATOR
Rev. 6 - 2 August 2022
logo
BCD Semiconductor Manuf...
AP2203 BCDSEMI-AP2203 Datasheet
158Kb / 19P
   150mA RF ULDO REGULATOR WITH ERROR FLAG
logo
Diodes Incorporated
AP2210 DIODES-AP2210 Datasheet
715Kb / 30P
   300mA RF ULDO REGULATOR
Rev. 4 - 2 March 2021
logo
BCD Semiconductor Manuf...
AP2210 BCDSEMI-AP2210 Datasheet
204Kb / 22P
   300mA RF ULDO REGULATOR
AP2204 BCDSEMI-AP2204_10 Datasheet
913Kb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
AP2204 BCDSEMI-AP2204 Datasheet
377Kb / 2P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
ACE Technology Co., LTD...
ACE504A ACE-ACE504A Datasheet
349Kb / 12P
   Wide Input Voltage Range, 150mA ULDO Regulator
VER 1.2
logo
Diodes Incorporated
AP7387 DIODES-AP7387 Datasheet
1Mb / 18P
   WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com