Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA641U Datasheet(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA641U
Description  Wideband Voltage Feedback OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA641U Datasheet(HTML) 9 Page - Burr-Brown (TI)

Back Button OPA641U Datasheet HTML 5Page - Burr-Brown (TI) OPA641U Datasheet HTML 6Page - Burr-Brown (TI) OPA641U Datasheet HTML 7Page - Burr-Brown (TI) OPA641U Datasheet HTML 8Page - Burr-Brown (TI) OPA641U Datasheet HTML 9Page - Burr-Brown (TI) OPA641U Datasheet HTML 10Page - Burr-Brown (TI) OPA641U Datasheet HTML 11Page - Burr-Brown (TI) OPA641U Datasheet HTML 12Page - Burr-Brown (TI) OPA641U Datasheet HTML 13Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
®
OPA641
Many demanding high-speed applications such as
ADC/DAC buffers require op amps with low wideband
output impedance. For example, low output impedance is
essential when driving the signal-dependent capacitances at
the inputs of flash A/D converters. As shown in Figure 3,
the OPA641 maintains very low closed-loop output imped-
ance over frequency. Closed-loop output impedance in-
creases with frequency since loop gain is decreasing with
frequency.
THERMAL CONSIDERATIONS
The OPA641 does not require a heat sink for operation in
most environments. At extreme temperatures and under full
load conditions a heat sink may be necessary.
The internal power dissipation is given by the equation
PD = PDQ + PDL, where PDQ is the quiescent power dissipa-
tion and P
DL is the power dissipation in the output stage due
to the load. (For
±V
CC = ±5V, PDQ
= 10V x 24mA =
240mW, max). For the case where the amplifier is driving a
grounded load (RL) with a DC voltage (±VOUT) the maxi-
mum value of PDL occurs at ±VOUT = ±VCC/2, and is equal
to PDL, max = (±VCC)2 /4RL. Note that it is the voltage across
the output transistor, and not the load, that determines the
power dissipated in the output stage.
The short-circuit condition represents the maximum amount
of internal power dissipation that can be generated. The
variation of output current with temperature is shown in the
Typical Performance Curves.
CAPACITIVE LOADS
The OPA641’s output stage has been optimized to drive low
resistive loads. Capacitive loads, however, will decrease the
amplifier’s phase margin which may cause high frequency
peaking or oscillations. Capacitive loads greater than 5pF
should be buffered by connecting a small resistance, usually
5
Ω to 25Ω, in series with the output as shown in Figure 4.
This is particularly important when driving high capacitance
loads such as flash A/D converters.
In general, capacitive loads should be minimized for opti-
mum high frequency performance. Coax lines can be driven
if the cable is properly terminated. The capacitance of coax
cable (29pF/foot for RG-58) will not load the amplifier
when the coaxial cable or transmission line is terminated in
its characteristic impedance.
COMPENSATION
The OPA641 is internally compensated and is stable in unity
gain with a phase margin of approximately 60
°. However,
the unity gain buffer is the most demanding circuit configu-
ration for loop stability and oscillations are most likely to
occur in this gain. If possible, use the device in a noise gain
of two or greater to improve phase margin and reduce the
susceptibility to oscillation. (Note that, from a stability
standpoint, an inverting gain of –1V/V is equivalent to a
noise gain of 2.) Gain and phase response for other gains are
shown in the Typical Performance Curves.
The high-frequency response of the OPA641 in a good
layout is very flat with frequency. However, some circuit
configurations such as those where large feedback resis-
tances are used, can produce high-frequency gain peaking.
This peaking can be minimized by connecting a small
capacitor in parallel with the feedback resistor. This capaci-
tor compensates for the closed-loop, high frequency, transfer
function zero that results from the time constant formed by
the input capacitance of the amplifier (typically 2pF after PC
board mounting), and the input and feedback resistors. The
selected compensation capacitor may be a trimmer, a fixed
capacitor, or a planned PC board capacitance. The capaci-
tance value is strongly dependent on circuit layout and
closed-loop gain. Using small resistor values will preserve
the phase margin and avoid peaking by keeping the break
frequency of this zero sufficiently high. When high closed-
loop gains are required, a three-resistor attenuator (tee net-
work) is recommended to avoid using large value resistors
with large time constants.
SETTLING TIME
Settling time is defined as the total time required, from the
input signal step, for the output to settle to within the
specified error band around the final value. This error band is
expressed as a percentage of the value of the output transition,
a 2V step. Thus, settling time to 0.01% requires an error band
of
±200µV centered around the final value of 2V.
FIGURE 3. Small-Signal Output Impedance vs Frequency.
FIGURE 4. Driving Capacitive Loads.
OPA641
C
L
R
L
R
S
(R
S typically 5Ω to 25Ω)
100
10.0
1.0
0.1
0.01
0.001
10k
Frequency (Hz)
100k
1M
10M
100M
A
V = +2V/V


Similar Part No. - OPA641U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA640 TI1-OPA640 Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA640P BURR-BROWN-OPA640P Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA640P TI1-OPA640P Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA640P TI1-OPA640P Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA641U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA640 TI1-OPA640 Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA680 TI1-OPA680 Datasheet
248Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER
OPA3680 TI1-OPA3680 Datasheet
238Kb / 22P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA3690 TI1-OPA3690_14 Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846 TI-OPA846 Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA650 TI1-OPA650 Datasheet
148Kb / 13P
[Old version datasheet]   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
[Old version datasheet]   WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA651 BURR-BROWN-OPA651 Datasheet
146Kb / 11P
   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA686 BURR-BROWN-OPA686 Datasheet
158Kb / 15P
   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com