Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


OPT209 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part No. OPT209
Description  PHOTODIODE WITH ON-CHIP AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

 
 5 page
background image
5
®
OPT209
NORMALIZED SPECTRAL RESPONSIVITY
Wavelength (nm)
100
200
300
400 500
600
700 800
900 1000 1100
1.0
0.8
0.6
0.4
0.2
0
650nm
(0.45A/W)
(0.48A/W)
RESPONSE vs INCIDENT ANGLE
Incident Angle (°)
0
1.0
0.8
0.6
0.4
0.2
0
±20
±40
±60
±80
θ
Y
θ
X
θ
Y
θ
X
1.0
0.8
0.6
0.4
0.2
0
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VS = ±15V, λ = 650nm, unless otherwise noted.
VOLTAGE RESPONSIVITY vs RADIANT POWER
Radiant Power (µW)
0.01
0.1
10
100
1k
1
10
1
0.1
0.01
0.001
R F
=
1M
R F
=
100k
R F
=
10M
λ = 650nm
VOLTAGE RESPONSIVITY vs IRRADIANCE
Irradiance (W/m2)
0.001
0.01
1
10
100
0.1
10
1
0.1
0.01
0.001
R F
=
1M
R F
=
100k
R F
=
10M
λ = 650nm
VOLTAGE OUTPUT RESPONSIVITY vs FREQUENCY
Frequency (Hz)
100
10
1
0.1
0.01
0.001
1k
10k
100k
10M
1M
R
F = 33kΩ CEXT = 25pF
λ = 650nm
R
F = 3.3MΩ
R
F = 10MΩ
R
F = 100kΩ, CEXT = 9pF
R
F = 1MΩ
DISTRIBUTION OF RESPONSIVITY
Responsivity (A/W)
0.43
60
50
40
30
20
10
0
0.44
0.45
0.46
0.47
0.48
Distribution Totals
100%
λ = 650nm
Laboratory Test
Data




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
OPT202PHOTODIODE WITH ON-CHIP AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
SP8036APC Amplifier with Integrated Photodiode and Gain Adjust Capability 1 2 3 4 5 MoreSipex Corporation
MAX107Dual 6-Bit 400Msps ADC with On-Chip Wideband Input Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX3507Upstream CATV Amplifier with On-Chip Anti-Alias Filter 1 2 3 4 5 MoreMaxim Integrated Products
C9118Driver circuit for photodiode array with amplifier 1 2 3 4 5 Hamamatsu Corporation
MAX104±5V 1Gsps 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX105Dual 6-Bit 800Msps ADC with On-Chip Wideband Input Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX106±5V 600Msps 8-Bit ADC with On-Chip 2.2GHz Bandwidth Track/Hold Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX108±5V 1.5Gsps 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
UPC8001IF AMPLIFIER IC WITH ON-CHIP MIXER FOR DIGITAL CELLULAR PHONES 1 2 3 4 5 MoreNEC

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl