Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


OPT209 Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part No. OPT209
Description  PHOTODIODE WITH ON-CHIP AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

 
 4 page
background image
4
®
OPT209
Supply Voltage ...................................................................................
±18V
Input Voltage Range (Common Pin) ....................................................
±V
S
Output Short-Circuit (to ground) ............................................... Continuous
Operating Temperature ..................................................... –25
°C to +85°C
Storage Temperature ........................................................ –25
°C to +85°C
Junction Temperature ...................................................................... +85
°C
Lead Temperature (soldering, 10s) ................................................ +300
°C
(Vapor-Phase Soldering Not Recommended)
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with ap-
propriate precautions. Failure to observe proper handling and
installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
PIN CONFIGURATION
V+
–In
V–
1M
Ω Feedback
Common
NC
NC
Output
1
2
3
4
8
7
6
5
TOP VIEW
(1)
NOTE: (1) Photodiode location.
MOISTURE SENSITIVITY
AND SOLDERING
Clear plastic does not contain the structural-enhancing fillers
used in black plastic molding compound. As a result, clear
plastic is more sensitive to environmental stress than black
plastic. This can cause difficulties if devices have been stored
in high humidity prior to soldering. The rapid heating during
soldering can stress wire bonds and cause failures. Prior to
soldering, it is recommended that devices be baked-out at
85
°C for 24 hours.
The fire-retardant fillers used in black plastic are not compat-
ible with clear molding compound. The OPT209 cannot meet
flammability test, UL-94.
ABSOLUTE MAXIMUM RATINGS
PACKAGE DRAWING
PRODUCT
PACKAGE
NUMBER(1)
OPT209P
8-Pin DIP
006-1
OPT209P-J
8-Lead Surface Mount(2)
006-4
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book. (2) 8-Pin DIP with leads
formed for surface mounting.
PACKAGE INFORMATION




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
OPT202PHOTODIODE WITH ON-CHIP AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
SP8036APC Amplifier with Integrated Photodiode and Gain Adjust Capability 1 2 3 4 5 MoreSipex Corporation
MAX107Dual 6-Bit 400Msps ADC with On-Chip Wideband Input Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX3507Upstream CATV Amplifier with On-Chip Anti-Alias Filter 1 2 3 4 5 MoreMaxim Integrated Products
C9118Driver circuit for photodiode array with amplifier 1 2 3 4 5 Hamamatsu Corporation
MAX104±5V 1Gsps 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX105Dual 6-Bit 800Msps ADC with On-Chip Wideband Input Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX106±5V 600Msps 8-Bit ADC with On-Chip 2.2GHz Bandwidth Track/Hold Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
MAX108±5V 1.5Gsps 8-Bit ADC with On-Chip 2.2GHz Track/Hold Amplifier 1 2 3 4 5 MoreMaxim Integrated Products
UPC8001IF AMPLIFIER IC WITH ON-CHIP MIXER FOR DIGITAL CELLULAR PHONES 1 2 3 4 5 MoreNEC

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl