Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA641P Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA641P
Description  Wideband Voltage Feedback OPERATIONAL AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA641P Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button OPA641P Datasheet HTML 4Page - Burr-Brown (TI) OPA641P Datasheet HTML 5Page - Burr-Brown (TI) OPA641P Datasheet HTML 6Page - Burr-Brown (TI) OPA641P Datasheet HTML 7Page - Burr-Brown (TI) OPA641P Datasheet HTML 8Page - Burr-Brown (TI) OPA641P Datasheet HTML 9Page - Burr-Brown (TI) OPA641P Datasheet HTML 10Page - Burr-Brown (TI) OPA641P Datasheet HTML 11Page - Burr-Brown (TI) OPA641P Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
OPA641
®
the end of the datasheet. A longer feedback path than this
will decrease the realized bandwidth substantially.
6) Due to the extremely high bandwidth of the OPA641, the
SOIC package is strongly recommended due its low para-
sitic impedance. The parasitic impedance in the PDIP and
CERDIP packages causes the OPA641 to experience about
5dB of gain peaking in unity-gain configurations. This is
compared with virtually no gain peaking in the SOIC pack-
age in unity-gain. The gain peaking in the PDIP and CERDIP
packages is minimized in gains of 4 or greater, however.
Surface mount components (chip resistors, capacitors, etc.)
also have low lead inductance and are therefore strongly
recommended.
7) Avoid overloading the output. Remember that output
current must be provided by the amplifier to drive its own
feedback network as well as to drive its load. Lowest
distortion is achieved with high impedance loads.
8) Don’t forget that these amplifiers use
±5V supplies.
Although they will operate perfectly well with +5V and
–5.2V, use of
±15V supplies will destroy the part.
9) Standard commercial test equipment has not been de-
signed to test devices in the OPA641’s speed range. Bench-
top op amp testers and ATE systems will require a special
test head to successfully test these amplifiers.
10) Terminate transmission line loads. Unterminated lines,
such as coaxial cable, can appear to the amplifier to be a
capacitive or inductive load. By terminating a transmission
line with its characteristic impedance, the amplifier’s load
then appears purely resistive.
11) Plug-in prototype boards and wire-wrap boards will not
be satisfactory. A clean layout using RF techniques is
essential; there are no shortcuts.
OFFSET VOLTAGE ADJUSTMENT
If additional offset adjustment is needed, the circuit in
Figure 1 can be used without degrading offset drift with
temperature. Avoid external adjustment whenever possible
since extraneous noise, such as power supply noise, can be
inadvertently coupled into the amplifier’s inverting input
terminal. Remember that additional offset errors can be
created by the amplifier’s input bias currents. Whenever
possible, match the impedance seen by both inputs as is
shown with R3. This will reduce input bias current errors to
the amplifier’s offset current.
INPUT PROTECTION
Static damage has been well recognized for MOSFET de-
vices, but any semiconductor device deserves protection
from this potentially damaging source. The OPA641 incor-
porates on-chip ESD protection diodes as shown in Figure 2.
This eliminates the need for the user to add external protec-
tion diodes, which can add capacitance and degrade AC
performance.
All pins on the OPA641 are internally protected from ESD
NOTE: (1) R
3 is optional and can be used to cancel offset errors due to input
bias currents.
FIGURE 1. Offset Voltage Trim.
by means of a pair of back-to-back reverse-biased diodes to
either power supply as shown. These diodes will begin to
conduct when the input voltage exceeds either power supply
by about 0.7V. This situation can occur with loss of the
amplifier’s power supplies while a signal source is still
present. The diodes can typically withstand a continuous
current of 30mA without destruction. To insure long term
reliability, however, diode current should be externally lim-
ited to 10mA or so whenever possible.
The OPA641 utilizes a fine geometry high speed process
that withstands 500V using Human Body Model and 100V
using the Machine Model. However, static damage can
cause subtle changes in amplifier input characteristics with-
out necessarily destroying the device. In precision opera-
tional amplifiers, this may cause a noticeable degradation of
offset voltage and drift. Therefore, static protection is strongly
recommended when handling the OPA641.
OUTPUT DRIVE CAPABILITY
The OPA641 has been optimized to drive 75
Ω and 100Ω
resistive loads. The device can drive 2Vp-p into a 75
Ω load.
This high-output drive capability makes the OPA641 an
ideal choice for a wide range of RF, IF, and video applica-
tions. In many cases, additional buffer amplifiers are un-
needed.
ESD Protection diodes internally
connected to all pins.
FIGURE 2. Internal ESD Protection.
External
Pin
+V
CC
–V
CC
Internal
Circuitry
R
2
OPA641
R
3
(1) = R
1 || R2
R
1
R
Trim
+V
CC
–V
CC
20k
V
IN or Ground
Output Trim Range
+V
CC
to –V
CC
R
Trim
47k
R
2
R
2
R
Trim
10µF


Similar Part No. - OPA641P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA640 TI1-OPA640 Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA640P BURR-BROWN-OPA640P Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA640P TI1-OPA640P Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA640P TI1-OPA640P Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA641P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA640 BURR-BROWN-OPA640 Datasheet
190Kb / 13P
   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA640 TI1-OPA640 Datasheet
139Kb / 14P
[Old version datasheet]   Wideband Voltage Feedback OPERATIONAL AMPLIFIER
OPA680 TI1-OPA680 Datasheet
248Kb / 22P
[Old version datasheet]   Wideband, Voltage Feedback OPERATIONAL AMPLIFIER
OPA3680 TI1-OPA3680 Datasheet
238Kb / 22P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA3690 TI1-OPA3690_14 Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846 TI-OPA846 Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA650 TI1-OPA650 Datasheet
148Kb / 13P
[Old version datasheet]   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
[Old version datasheet]   WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA651 BURR-BROWN-OPA651 Datasheet
146Kb / 11P
   Wideband, Low Power Voltage Feedback OPERATIONAL AMPLIFIER
OPA686 BURR-BROWN-OPA686 Datasheet
158Kb / 15P
   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com