Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO166P Datasheet(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # ISO166P
Description  Precision, Isolated OPERATIONAL AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ISO166P Datasheet(HTML) 2 Page - Burr-Brown (TI)

  ISO166P Datasheet HTML 1Page - Burr-Brown (TI) ISO166P Datasheet HTML 2Page - Burr-Brown (TI) ISO166P Datasheet HTML 3Page - Burr-Brown (TI) ISO166P Datasheet HTML 4Page - Burr-Brown (TI) ISO166P Datasheet HTML 5Page - Burr-Brown (TI) ISO166P Datasheet HTML 6Page - Burr-Brown (TI) ISO166P Datasheet HTML 7Page - Burr-Brown (TI) ISO166P Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
®
ISO166/ISO176
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user's own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
SPECIFICATIONS
At TA = +25°C, VS1 = VS2 = ±15V, and RL = 2kΩ unless otherwise noted.
ISO166P
ISO176P
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ISOLATION(1)
Voltage Rated Continuous:
AC
TMIN to TMAX
1500
1500
Vrms
DC
TMIN to TMAX
2121
2121
VDC
100% Test (AC, 50Hz)
1s; Partial Discharge
≤ 5pC
2500
2500
Vrms
Isolation-Mode Rejection
AC 50Hz
1500Vrms
115
115
dB
DC
160
160
dB
Barrier Impedance
1014 || 6
1014 || 6
Ω || pF
Leakage Current
VISO = 240Vrms, 50Hz
0.8
1
0.8
1
µArms
ISO AMP - GAIN
Gain Error(2)
G = 1
±0.05
±0.05
%FSR
Gain vs Temperature
G = 1
±10
±10
ppm/
°C
Nonlinearity
G = 1
±0.052
±0.102
%
ISO AMP - OFFSET VOLTAGE
Offset
50
100
mV
vs Temperature
±150
±500
µV/°C
vs Supply
±2
±2
µV/V
ISO AMP - INPUT
Input Resistance
200
200
k
ISO AMP - OUTPUT
Voltage Range
±10
±10
V
Current Drive
±5
±5mA
Capacitive Load Drive
0.1
0.1
µF
Ripple Voltage
10
10
mVp-p
OP AMP - INPUT
Voltage Range
±13
±13
V
Bias Current
±5
±5nA
vs Temperature
±15
±15
pA/
°C
Offset Voltage
±20
±20
µV
Offset Current
±5
±5nA
vs Temperature
±1.5
±1.5
pA/
°C
FREQUENCY RESPONSE
Small Signal Bandwidth
100mV, G = 1
6
60
kHz
100mV, G = 10
6
60
kHz
100mV, G = 100
6
60
kHz
Slew Rate
VO = ±10V, G = 10
0.3
0.3
V/
µs
POWER SUPPLIES
Rated Voltage
15
15
V
Voltage Range
±4.5
±18
±4.5
±18
V
Quiescent Current
VCC1
99
mA
VCC2
7.5
7.5
mA
TEMPERATURE RANGE
Operating
–40
85
–40
85
°C
Storage
–40
125
–40
125
°C
NOTE: (1) All devices receive a 1s test. Failure criterion is
≥ 5 pulses of ≥ 5pX. (2) Tested as a OPA and ISO, max ±0.35% FSR.


Similar Part No. - ISO166P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO164 BURR-BROWN-ISO164 Datasheet
194Kb / 8P
   Precision, Isolated PROGRAMMABLE GAIN AMPLIFIER
logo
Texas Instruments
ISO1640 TI-ISO1640 Datasheet
978Kb / 28P
[Old version datasheet]   ISO164x Robust-EMC Bidirectional I2C Digital Isolators
ISO1640 TI-ISO1640 Datasheet
1,001Kb / 28P
[Old version datasheet]   ISO164x-Q1 Robust-EMC Bidirectional I2C Digital Isolators
ISO1640 TI-ISO1640 Datasheet
2Mb / 45P
[Old version datasheet]   ISO164x Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC and GPIOs
ISO1640 TI-ISO1640 Datasheet
2Mb / 46P
[Old version datasheet]   ISO164x Hot-Swappable Bidirectional I2C Isolators with Enhanced EMC and GPIOs
More results

Similar Description - ISO166P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO176 BURR-BROWN-ISO176 Datasheet
113Kb / 8P
   Precision, Isolated OPERATIONAL AMPLIFIER
ISO256 BURR-BROWN-ISO256 Datasheet
130Kb / 9P
   Precision, Powered, Three-Port Isolated OPERATIONAL AMPLIFIER
logo
ON Semiconductor
LM308A ONSEMI-LM308A Datasheet
215Kb / 8P
   Precision Operational Amplifier
March, 2005 ??Rev. XXX
logo
Linear Technology
LT1001 LINER-LT1001_02 Datasheet
191Kb / 16P
   Precision Operational Amplifier
OP-07CSB LINER-OP-07CSB Datasheet
158Kb / 3P
   Precision Operational Amplifier?
logo
Intersil Corporation
HA-5135883 INTERSIL-HA-5135883 Datasheet
110Kb / 5P
   Precision Operational Amplifier
logo
Linear Technology
LT1001 LINER-LT1001 Datasheet
326Kb / 12P
   Precision Operational Amplifier
logo
Maxim Integrated Produc...
MXL1001 MAXIM-MXL1001 Datasheet
42Kb / 4P
   Precision Operational Amplifier
19-0286; Rev 1; 8/94
logo
Intersil Corporation
UA777 INTERSIL-UA777 Datasheet
389Kb / 6P
   Precision Operational Amplifier
logo
New Japan Radio
NJM2729 NJRC-NJM2729 Datasheet
1Mb / 18P
   Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com