Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLYU1100 Datasheet(PDF) 1 Page - Marktech Corporate

Part # TLYU1100
Description  Toshiba TLxU1100 SMT LEDs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLYU1100 Datasheet(HTML) 1 Page - Marktech Corporate

  TLYU1100 Datasheet HTML 1Page - Marktech Corporate TLYU1100 Datasheet HTML 2Page - Marktech Corporate TLYU1100 Datasheet HTML 3Page - Marktech Corporate TLYU1100 Datasheet HTML 4Page - Marktech Corporate TLYU1100 Datasheet HTML 5Page - Marktech Corporate TLYU1100 Datasheet HTML 6Page - Marktech Corporate TLYU1100 Datasheet HTML 7Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Toshiba TLxU1100 SMT LEDs
Features
3.2 (L) x 2.8 (W) x 1.9 (H) mm Size
Flat−top Type
InGaAlP LED
Low Drive Current, High Intensity Emission
High Operating Temperature
Reflow Soldering is possible
Standard embossed taping 8 mm Pitch : T09 (1000 pcs/reel)
Applications
Automotive Use
Message Signboard
Backlight
Series Line−Up
Part Number
Color
Material
TLGU1100
Ultra Bright Yellow Green
InGaAlP
TLOU1100
Ultra Bright Orange
InGaAlP
TLPGU1100
Ultra Pure Green
InGaAlP
TLSU1100
Ultra High Efficiency Red
InGaAlP
TLYU1100
Ultra Bright Yellow
InGaAlP
Maximum Ratings (Ta=25oC)
Part Number
Forward Current
IF
Reverse Voltage
VR
Power Dissipation
PD
Operating Temperature
Topr
Storage Temperature
Tstg
TLGU1100
30
4
84.00
−40 ~ 100
−40 ~ 100
TLOU1100
30
4
72.00
−40 ~ 100
−40 ~ 100
TLPGU1100
30
4
84.00
−40 ~ 100
−40 ~ 100
TLSU1100
30
4
72.00
−40 ~ 100
−40 ~ 100
TLYU1100
30
4
75.00
−40 ~ 100
−40 ~ 100
Unit
mA
V
mW
o
C
o
C
Company Headquarters
3 Norhway Lane North
Latham, New York 12204
Toll Free: 800.984.5337
Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
West Coast Sales Office
950 South Coast Drive, Suite 265
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


Similar Part No. - TLYU1100

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLYU1100 TOSHIBA-TLYU1100 Datasheet
434Kb / 12P
   LED LAMP
More results

Similar Description - TLYU1100

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLAU1008A TOSHIBA-TLAU1008A Datasheet
495Kb / 8P
   Toshiba TLxU1008A SMT LEDs
logo
Marktech Corporate
TLGE1002A MARKTECH-TLGE1002A Datasheet
493Kb / 8P
   Toshiba TLxE1002A SMT LEDs
TLOE1005A MARKTECH-TLOE1005A Datasheet
221Kb / 5P
   Toshiba TLxE1005A SMT LEDs
TLGE1100 MARKTECH-TLGE1100 Datasheet
406Kb / 8P
   Toshiba TLxE1100 SMT LEDs
TLGE1008A MARKTECH-TLGE1008A Datasheet
499Kb / 8P
   Toshiba TLxE1008A SMT LEDs
TLGE27C MARKTECH-TLGE27C Datasheet
405Kb / 8P
   Toshiba TLxE27 Series LEDs
TLOE180AP MARKTECH-TLOE180AP Datasheet
286Kb / 2P
   Toshiba TLxE180 Series LEDs
TLOH190P MARKTECH-TLOH190P Datasheet
224Kb / 5P
   Toshiba TLxH190 Series LEDs
TLGV1020 MARKTECH-TLGV1020 Datasheet
460Kb / 10P
   Toshiba TLxV1020 SMT LED
TLOE156AP MARKTECH-TLOE156AP Datasheet
294Kb / 2P
   Toshiba TLxE156 Series LEDs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com