Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLYE1005A Datasheet(PDF) 1 Page - Marktech Corporate

Part # TLYE1005A
Description  Toshiba TLxE1005A SMT LEDs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLYE1005A Datasheet(HTML) 1 Page - Marktech Corporate

  TLYE1005A Datasheet HTML 1Page - Marktech Corporate TLYE1005A Datasheet HTML 2Page - Marktech Corporate TLYE1005A Datasheet HTML 3Page - Marktech Corporate TLYE1005A Datasheet HTML 4Page - Marktech Corporate TLYE1005A Datasheet HTML 5Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Toshiba TLxE1005A SMT LEDs
Features
3.2 (L) x 2.4 (W) x 2.4 (H) mm
2 mm Lens−top type
Reflow Soldering is possible
Standard Embossed Taping 4 mm Pitch : T03 (1000 pcs/reel)
Applications
Portable Equipment
Message Signboards
High Intensity Backlight
Battery−Driven Equipment
Series Line−Up
Part Number
Color
Material
TLOE1005A
Ultra Bright Orange
InGaAlP
TLRE1005A
Ultra Bright Red
InGaAlP
TLYE1005A
Ultra Bright Yellow
InGaAlP
Maximum Ratings (Ta=25oC)
Part Number
Forward Current
IF
Reverse Voltage
VR
Power Dissipation
PD
Operating Temperature
Topr
Storage Temperature
Tstg
TLOE1005A
25
4
60.00
−25 ~ +80
−30 ~ 85
TLRE1005A
25
4
60.00
−25 ~ +80
−30 ~ 85
TLYE1005A
25
4
62.00
−25 ~ +80
−30 ~ 85
Unit
mA
V
mW
o
C
o
C
Company Headquarters
3 Norhway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
West Coast Sales Office
950 South Coast Drive, Suite 265
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


Similar Part No. - TLYE1005A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLYE1005A TOSHIBA-TLYE1005A Datasheet
559Kb / 15P
   LED LAMP
More results

Similar Description - TLYE1005A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLAU1008A TOSHIBA-TLAU1008A Datasheet
495Kb / 8P
   Toshiba TLxU1008A SMT LEDs
logo
Marktech Corporate
TLGE1002A MARKTECH-TLGE1002A Datasheet
493Kb / 8P
   Toshiba TLxE1002A SMT LEDs
TLGE1100 MARKTECH-TLGE1100 Datasheet
406Kb / 8P
   Toshiba TLxE1100 SMT LEDs
TLXU1100 MARKTECH-TLXU1100 Datasheet
337Kb / 7P
   Toshiba TLxU1100 SMT LEDs
TLGE1008A MARKTECH-TLGE1008A Datasheet
499Kb / 8P
   Toshiba TLxE1008A SMT LEDs
TLGE27C MARKTECH-TLGE27C Datasheet
405Kb / 8P
   Toshiba TLxE27 Series LEDs
TLOE180AP MARKTECH-TLOE180AP Datasheet
286Kb / 2P
   Toshiba TLxE180 Series LEDs
TLOH190P MARKTECH-TLOH190P Datasheet
224Kb / 5P
   Toshiba TLxH190 Series LEDs
TLGV1020 MARKTECH-TLGV1020 Datasheet
460Kb / 10P
   Toshiba TLxV1020 SMT LED
TLOE156AP MARKTECH-TLOE156AP Datasheet
294Kb / 2P
   Toshiba TLxE156 Series LEDs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com