Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXC101 Datasheet(PDF) 6 Page - RF Monolithics, Inc

Part # TXC101
Description  Multi-channel High data rate Programmable
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

TXC101 Datasheet(HTML) 6 Page - RF Monolithics, Inc

Back Button TXC101 Datasheet HTML 2Page - RF Monolithics, Inc TXC101 Datasheet HTML 3Page - RF Monolithics, Inc TXC101 Datasheet HTML 4Page - RF Monolithics, Inc TXC101 Datasheet HTML 5Page - RF Monolithics, Inc TXC101 Datasheet HTML 6Page - RF Monolithics, Inc TXC101 Datasheet HTML 7Page - RF Monolithics, Inc TXC101 Datasheet HTML 8Page - RF Monolithics, Inc TXC101 Datasheet HTML 9Page - RF Monolithics, Inc TXC101 Datasheet HTML 10Page - RF Monolithics, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6
These values are what the RF port pins want to “see” as an antenna load for maximum power transfer.
Antennas ideally suited for this would be a Dipole, Folded Dipole, and Loop. For all transmit antenna
applications a bias or “choke” inductor must be included since the RF outputs are open-collector type.
The TXC101 may also drive a single ended 50 Ohm load, such as a monopole antenna, using the
matching circuit as shown in Figure 1. Use of a balun would provide an optimum power transfer, but the
matching circuit of Figure 1 has been optimized for use with discrete components, reducing the cost
associated with use of a balun.
The matching component values for a 50 Ohm load are given in Table 2.
Table 2.
Ref Des
315
433
868
916
C1
3.9pF
2.7 pF
1.8 pF
1.8 pF
C2
2.2 pF
1.5 pF
1 pF
1 pF
L1
72 nH
43 nH
10 nH
10 nH
L2
390nH
390nH 100nH 100nH
L3
110 nH
82 nH
27 nH
27 nH
Antenna Design Considerations
The TXC101 was designed to drive a differential output such as a Dipole or a Loop antenna. A loop
antenna is recommended for applications where size is critical. The dipole is typically not an attractive
option for compact designs based on its inherent size at resonance and distance needed away from a
ground plane to be an efficient radiating antenna. A monopole is possible with addition of a balun or
using the matching circuit in Figure 1.
PCB Layout Considerations
PCB layout is very critical. For optimal transmit and receive performance, the trace lengths at the RF pins
must be kept as short as possible. Using small, surface mount components, like 0402, will yield the best
performance and also keep the RF port compact. It is recommended that all RF connections are made
short and direct. A good rule of thumb to adhere to is to add 1nH of series inductance to the path for
every 0.1” of trace length. The crystal oscillator is also affected by additional trace length as it adds
parasitic capacitance to the overall load of the crystal. To minimize this effect the crystal must be placed
as close as possible to the chip and all connections must be made short and direct. This will minimize the
effects of “frequency pulling” , that stray capacitance may introduce and allow the internal load
capacitance of the chip to be more effective in properly loading the crystal oscillator circuit.
When an external processor is used, the TXC101 provides an on-chip clock. Even though this is an
integrated function, long runs of the clock signal may radiate and cause interference. This can degrade
receiver performance as well as add harmonics or unwanted modulation to the transmitter. Keep clock
connections as short as possible and surround the clock trace with an adjacent ground plane pour where
needed. This will help in reducing any radiation or crosstalk due to long runs of the clock signal.
Good power supply bypassing is also essential. Large decoupling capacitors should be placed at the
point where power is applied to the PCB. Smaller value decoupling capacitors should then be placed at
each power point of the chip as well as bias nodes for the RF port. Poor bypassing lends itself to
conducted interference which can cause noise and spurious signals to couple into the RF sections, thus
significantly reducing performance.


Similar Part No. - TXC101

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
TXC100 RFM-TXC100 Datasheet
527Kb / 11P
   Single chip OOK/ASK/FSK Transmitter IC in the 300~450 MHz frequency range.
logo
Murata Manufacturing Co...
TXC100 MURATA-TXC100 Datasheet
456Kb / 11P
   300-450 MHz Transmitter
logo
RF Monolithics, Inc
TXC102 RFM-TXC102 Datasheet
332Kb / 30P
   Multi-channel High tae rate Programmable
More results

Similar Description - TXC101

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RXC101 RFM-RXC101 Datasheet
538Kb / 33P
   Multi-channel High data rate Programmable
TXC102 RFM-TXC102 Datasheet
332Kb / 30P
   Multi-channel High tae rate Programmable
logo
Level One
SK70720 LVL1-SK70720 Datasheet
1Mb / 42P
   Multi-Rate DSL Data Pump Chipt Set
logo
Texas Instruments
TLK3132 TI-TLK3132 Datasheet
1Mb / 103P
[Old version datasheet]   2-Channel Multi-Rate Transceiver
TLK3131 TI1-TLK3131_15 Datasheet
1Mb / 102P
[Old version datasheet]   Single Channel Multi-Rate Transceiver
TLK3134 TI-TLK3134 Datasheet
1Mb / 149P
[Old version datasheet]   4-Channel Multi-Rate Transceiver
TLK3134 TI-TLK3134_1 Datasheet
2Mb / 150P
[Old version datasheet]   4-Channel Multi-Rate Transceiver
TLK3131 TI-TLK3131 Datasheet
1Mb / 101P
[Old version datasheet]   Single Channel Multi-Rate Transceiver
logo
Sensitron
SHD-4135-XXX SENSITRON-SHD-4135-XXX Datasheet
85Kb / 4P
   High Data Rate Optocoupler
logo
Texas Instruments
TLK3132 TI1-TLK3132_15 Datasheet
1Mb / 104P
[Old version datasheet]   2-Channel Multi-Rate Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com