Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMQ664X0 Datasheet(PDF) 16 Page - Texas Instruments

Part # LMQ664X0
Description  LMQ664x0, 36-V, 1-A, 2-A, and 3-A Ultra-Small Synchronous Step-Down Converter with Integrated VIN Bypass and CBOOT Capacitors
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMQ664X0 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LMQ664X0 Datasheet HTML 12Page - Texas Instruments LMQ664X0 Datasheet HTML 13Page - Texas Instruments LMQ664X0 Datasheet HTML 14Page - Texas Instruments LMQ664X0 Datasheet HTML 15Page - Texas Instruments LMQ664X0 Datasheet HTML 16Page - Texas Instruments LMQ664X0 Datasheet HTML 17Page - Texas Instruments LMQ664X0 Datasheet HTML 18Page - Texas Instruments LMQ664X0 Datasheet HTML 19Page - Texas Instruments LMQ664X0 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
The power-good output scheme consists of an open-drain n-channel MOSFET, which requires an external
pullup resistor connected to a suitable logic supply. It can also be pulled up to either VCC or VOUT through an
appropriate resistor, as desired. If this function is not needed, the PG pin can be open or grounded. Limit the
current into this pin to ≤ 4 mA.
Input
Voltage
Input Voltage
Output
Voltage
VPG-UV (falling)
VPG-HYST
VINMIN (rising)
VPG_VAL
GND
VOUT
VINMIN (falling)
PG
PG may not
be valid if
input is below
VPG-VAL
Startup
delay
tRESET_FILTER
PG may not be
valid if input is
below VPG-VAL
Small glitches do not
reset tPG_ACT timer
Small glitches
do not cause
reset to signal
a fault
tPG_ACT
tRESET_FILTER
tPG_ACT
tRESET_FILTER
tRESET_FILTER
Figure 8-9. Power-Good Operation (OV Events Not Included)
Table 8-3. Fault Conditions for PG (Pull Low)
Fault Condition Initiated
Fault Condition Ends (After Which tPG_ACT Must Pass Before PG
Output Is Released)
VOUT < VPG
UV AND t > tRESET_FILTER
Output voltage in regulation:
VPG
UV + VPGHYST < VOUT < VPGOV - VPGHYST
VOUT > VPG
OV AND t > tRESET_FILTER
Output voltage in regulation
TJ > TSD(trip)
TJ < TSD(trip) - TSD(hyst) AND output voltage in regulation
EN < VEN-VOUT – VEN-HYST
EN > VEN-VOUT AND output voltage in regulation
8.3.5 Internal LDO, VCC, and VOUT/FB Input
The device uses the internal LDO output and the VCC pin for all internal power supply. The VCC pin draws
power either from the VIN (in adjustable output variants) or VOUT/FB (in fixed-output variants). In the fixed-
output variants, once the device is active but has yet to regulate, the VCC rail continues to draw power from the
input voltage, VIN, until the VOUT/FB voltage reaches > 3.15 V (or when the device has reached steady-state
regulation post the soft start). The VCC rail typically measures 3.3 V in both adjustable and fixed output variants.
During start-up, VCC momentarily exceeds the normal operating voltage and then drops to the normal operating
voltage.
8.3.6 Bootstrap Voltage and VBOOT-UVLO (BOOT Terminal)
The high-side switch driver circuit requires a bias voltage higher than VIN to make sure the HS switch is turned
on. The internal 0.1-μF capacitor that is connected between BOOT and SW works as a charge pump to boost
voltage on the BOOT terminal to (SW + VCC). The boot diode is integrated on the device die to minimize
physical solution size. The CBOOT rail has a UVLO setting. This UVLO has a threshold of VBOOT-UVLO and is
typically set at 2.1 V. If the BOOT capacitor is not charged above this voltage with respect to the SW pin, then
the part initiates a charging sequence, turning on the low-side switch before attempting to turn on the high-side
device.
LMQ66430
SNVSC78 – FEBRUARY 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LMQ66430


Similar Part No. - LMQ664X0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMQ664X0-Q1 TI-LMQ664X0-Q1 Datasheet
3Mb / 48P
[Old version datasheet]   LMQ664x0-Q1, 36-V, 1-A, 2-A, and 3-A Ultra-Small Synchronous Automotive Step-Down Converter with Integrated VIN Bypass and CBOOT Capacitors
FEBRUARY 2022
LMQ664X0-Q1 TI-LMQ664X0-Q1 Datasheet
4Mb / 54P
[Old version datasheet]   LMQ664x0-Q1, 36-V, 1-A, 2-A, and 3-A, Ultra-Small, Synchronous Automotive Step-Down Converter with Integrated VIN Bypass and CBOOT Capacitors
REVISED MAY 2023
LMQ664X0-Q1 TI1-LMQ664X0-Q1 Datasheet
4Mb / 54P
[Old version datasheet]   LMQ664x0-Q1, 36-V, 1-A, 2-A, and 3-A, Ultra-Small, Synchronous Automotive Step-Down Converter With Integrated VIN Bypass and CBOOT Capacitors
DECEMBER 2023
More results

Similar Description - LMQ664X0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMQ66410-Q1 TI-LMQ66410-Q1 Datasheet
4Mb / 54P
[Old version datasheet]   LMQ664x0-Q1, 36-V, 1-A, 2-A, and 3-A, Ultra-Small, Synchronous Automotive Step-Down Converter with Integrated VIN Bypass and CBOOT Capacitors
REVISED MAY 2023
LMQ66430-Q1 TI-LMQ66430-Q1 Datasheet
3Mb / 48P
[Old version datasheet]   LMQ664x0-Q1, 36-V, 1-A, 2-A, and 3-A Ultra-Small Synchronous Automotive Step-Down Converter with Integrated VIN Bypass and CBOOT Capacitors
FEBRUARY 2022
LM60440 TI-LM60440_V01 Datasheet
1Mb / 38P
[Old version datasheet]   LM604x0 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
LM60440 TI1-LM60440 Datasheet
1Mb / 32P
[Old version datasheet]   LM604x0 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
LM60440-Q1 TI1-LM60440-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   LM604x0-Q1 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
LM60440-Q1 TI1-LM60440-Q1_V01 Datasheet
1Mb / 36P
[Old version datasheet]   LM604x0-Q1 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
LM60440-Q1 TI1-LM60440-Q1_V02 Datasheet
1Mb / 39P
[Old version datasheet]   LM604x0-Q1 3.8-V to 36-V, 3-A, and 4-A Ultra-Small Synchronous Step-Down Converter
LMR33620AP-Q1 TI-LMR33620AP-Q1 Datasheet
4Mb / 48P
[Old version datasheet]   LMR336x0AP-Q1 3.8-V to 36-V, 2-A and 3-A Synchronous Step-Down Voltage Converter
LMR23610 TI1-LMR23610 Datasheet
148Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
LMR23610-Q1 TI1-LMR23610-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 1 A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com