Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB62756FUG Datasheet(PDF) 1 Page - Marktech Corporate

Part # TB62756FUG
Description  Step-up Type DC/DC Converter for White LEDs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TB62756FUG Datasheet(HTML) 1 Page - Marktech Corporate

  TB62756FUG Datasheet HTML 1Page - Marktech Corporate TB62756FUG Datasheet HTML 2Page - Marktech Corporate TB62756FUG Datasheet HTML 3Page - Marktech Corporate TB62756FUG Datasheet HTML 4Page - Marktech Corporate TB62756FUG Datasheet HTML 5Page - Marktech Corporate TB62756FUG Datasheet HTML 6Page - Marktech Corporate TB62756FUG Datasheet HTML 7Page - Marktech Corporate TB62756FUG Datasheet HTML 8Page - Marktech Corporate TB62756FUG Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TB62756FUG
TOSHIBA BiCD Digital Integrated Circuit Silicon Monolithic
TB62756FUG
Step-up Type DC/DC Converter for White LEDs
The TB62756FUG is a high efficiency step-up type DC/DC
converter that is designed especially for use as a constant current
driver of white LEDs.
It is possible to drive 2 - 6 white LEDs connected in series using a
lithium-ion battery.
This IC incorporates an N-ch-MOS transistor requiredfor
switching of an external inductor.
The forward current of the LEDs can be controlled by an external
resistor. A pulse input system (PWM) can be used as a brightness
control function.
This IC is best suited for use as a driver of white LED back
lighting in color LCDs in PDAs, cellular phones and handy
terminal devices.
This device is Pb-free product.
Features
• Can drive 2-6 white LEDs connected series
• Variable LED Current IF is set with a external resistor :
20 mA (Typ.) @RSENS = 16 Ω
• Output Power : Available for 400mW LED loading
• High Efficiency : 87% @Maximum (Using recommended external parts: Typ. 4LEDs)
• IC Package : SSOP6-P-0.95 (SOT23-6)
• Switching Frequency : 1.1 MHz (Typ.)
Weight: 0.016 g (typ.)
Web: www.marktechopto.com | Email: info@marktechopto.com
Company Headquarters
3 Northway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
California Sales Office:
950 South Coast Drive, Suite 225
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


Similar Part No. - TB62756FUG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TB62750FTG MARKTECH-TB62750FTG Datasheet
205Kb / 10P
   Step Up Type DC-DC Converter for White LED
TB62752AFUG MARKTECH-TB62752AFUG Datasheet
189Kb / 6P
   Step Up Type DC/DC Converter for White LED
More results

Similar Description - TB62756FUG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TB62736FUG MARKTECH-TB62736FUG Datasheet
384Kb / 13P
   Step-up Type DC-DC Converter for White LEDs
logo
Toshiba Semiconductor
TB62763FMG TOSHIBA-TB62763FMG Datasheet
611Kb / 15P
   Step Up Type DC/DC Converter for White LED
logo
KEC(Korea Electronics)
KAB3405T KEC-KAB3405T Datasheet
612Kb / 7P
   Step Up Type DC/DC Converter for White LED
logo
Marktech Corporate
TB62752AFUG MARKTECH-TB62752AFUG Datasheet
189Kb / 6P
   Step Up Type DC/DC Converter for White LED
TB62750FTG MARKTECH-TB62750FTG Datasheet
205Kb / 10P
   Step Up Type DC-DC Converter for White LED
TB62734FMG MARKTECH-TB62734FMG Datasheet
436Kb / 14P
   Step Up Type DC-DC Converter for White LED
logo
KEC(Korea Electronics)
KAB3405T KEC-KAB3405T_08 Datasheet
233Kb / 6P
   Step Up Type DC/DC Converter for White LED
logo
Toshiba Semiconductor
TB62731FU TOSHIBA-TB62731FU Datasheet
350Kb / 9P
   Step up DC-DC converter for LEDs
logo
SYNC POWER Crop.
SP1937 SYNC-POWER-SP1937_10 Datasheet
391Kb / 12P
   DC-DC Step-Up Converter for White LED
SP1937 SYNC-POWER-SP1937 Datasheet
329Kb / 10P
   DC-DC Step-Up Converter for White LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com