Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TB62734FMG Datasheet(PDF) 6 Page - Marktech Corporate

Part No. TB62734FMG
Description  Step Up Type DC-DC Converter for White LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TB62734FMG Datasheet(HTML) 6 Page - Marktech Corporate

Back Button TB62734FMG Datasheet HTML 2Page - Marktech Corporate TB62734FMG Datasheet HTML 3Page - Marktech Corporate TB62734FMG Datasheet HTML 4Page - Marktech Corporate TB62734FMG Datasheet HTML 5Page - Marktech Corporate TB62734FMG Datasheet HTML 6Page - Marktech Corporate TB62734FMG Datasheet HTML 7Page - Marktech Corporate TB62734FMG Datasheet HTML 8Page - Marktech Corporate TB62734FMG Datasheet HTML 9Page - Marktech Corporate TB62734FMG Datasheet HTML 10Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TOSHIBA
TB62734FMG
6/11
[Setting of capacitance of output side]
The larger than C2=0.47(uF) should be recommended.
[Setting of external Inductor size]
Reference) According to the number of LED, the inductor size should be selected larger than the value
indicated in the table.
Number of LED
Vin=2.8V
Vin=4.3V
Note
2
3
4.7
3.6
4
6.8
4.7
5
8.1
6.8
6
10
8.1
Io=20mA
Unit : uH
[Setting of Io]
Resistance connects between RSENS pin and GND.
The resistor of RSENS (K terminal and Ground) is for setting of output current (Io).
The average current is set by this RSENS value and average current are obtained by the following equation.
(Please choose a equation according to the number of LED)
2LED : Io = 119.16 × Rsens
-0.8399
3LED : Io = 115.32 × Rsens
-0.854
4LED : Io = 113.08 × Rsens
-0.8614
5LED : Io = 108.02 × Rsens
-0.8534
6LED : Io = 106.71 × Rsens
-0.836
It is an equation when setting up by inductor of the size which we recommend.
When different L from the size which we recommend is used, The average current cannot be computed with
the above-mentioned equation.
RSENS vs Iout
Vin=3.6V
10
15
20
25
30
35
40
45
50
02
4
6
8
10
12
RSENS(Ω)
2LED
3LED
4LED
5LED
6LED


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
TB62750FTG Step Up Type DC-DC Converter for White LED 1  2  3  4  5  More Marktech Corporate
TB62732FU The step up type DC-DC converter only for white LED driver lighting 1  2  3  4  5  More Toshiba Semiconductor
TB62752AFUG Step Up Type DC/DC Converter for White LED 1  2  3  4  5  More Marktech Corporate
TB62733FTG Charge Pump type DC/DC Converter for White LED Driver 1  2  3  4  5  More Toshiba Semiconductor
TCA62735AFLG Charge Pump type DC/DC Converter for White LED Driver 1  2  3  4  5  More Marktech Corporate
TB62731FUG Step-up DC-DC Converter for White LED Driver 1  2  3  4  5  More Marktech Corporate
TB62736FUG Step-up Type DC-DC Converter for White LEDs 1  2  3  4  5  More Marktech Corporate
TB62756FUG Step-up Type DC/DC Converter for White LEDs 1  2  3  4  5  More Marktech Corporate
LM3557 Step-Up Converter for White LED Applications 1  2  3  4  5  More National Semiconductor (TI)
NFSW036BT SPECIFICATIONS FOR NICHIA CHIP TYPE WHITE LED 1  2  3  4  5  More List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn