Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSU10A40 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FSU10A40
Description  OUTLINE DRAWING
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FSU10A40 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FSU10A40 Datasheet HTML 1Page - List of Unclassifed Manufacturers FSU10A40 Datasheet HTML 2Page - List of Unclassifed Manufacturers FSU10A40 Datasheet HTML 3Page - List of Unclassifed Manufacturers FSU10A40 Datasheet HTML 4Page - List of Unclassifed Manufacturers FSU10A40 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FORWARD CURRENT VS. VOLTAGE
順 電 圧 特 性
FSU10A40
0
0.5
1.0
1.5
2.0
2.5
3.0
INSTANTANEOUS FORWARD VOLTAGE (V)
瞬 時 順 電 圧 (V)
1
2
5
10
20
50
100
(A)
Tj=25°C
Tj=150°C
AVERAGE FORWARD POWER DISSIPATION
平 均 順 電 力 損 失 特 性
04
8
12
16
AVERAGE FORWARD CURRENT (A)
平 均 順 電 流 (A)
0
4
8
12
16
20
(W)
FSU10A40
180°
θ
通流角
CONDUCTION ANGLE
HALF SINE WAVE
D.C.
RECT 180°
RECT 120°
RECT 60°
FORWARD CURRENT VS. VOLTAGE
順 電 圧 特 性
FSU10A40
0
0.5
1.0
1.5
2.0
2.5
3.0
INSTANTANEOUS FORWARD VOLTAGE (V)
瞬 時 順 電 圧 (V)
1
2
5
10
20
50
100
(A)
Tj=25°C
Tj=150°C
AVERAGE FORWARD POWER DISSIPATION
平 均 順 電 力 損 失 特 性
04
8
12
16
AVERAGE FORWARD CURRENT (A)
平 均 順 電 流 (A)
0
4
8
12
16
20
(W)
FSU10A40
180°
θ
通流角
CONDUCTION ANGLE
HALF SINE WAVE
D.C.
RECT 180°
RECT 120°
RECT 60°


Similar Part No. - FSU10A40

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
FSU10A40 NIEC-FSU10A40 Datasheet
145Kb / 1P
   FRED
logo
Kyocera Kinseki Corpota...
FSU10A40 KSS-FSU10A40 Datasheet
643Kb / 6P
   Fast Recovery Diode
logo
National Instruments Co...
FSU10A40 NI-FSU10A40_15 Datasheet
145Kb / 1P
   FRED
More results

Similar Description - FSU10A40

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
OD-S-31 MA-COM-OD-S-31 Datasheet
217Kb / 2P
   Outline Drawing
OD-S-131 MA-COM-OD-S-131 Datasheet
92Kb / 1P
   Outline Drawing
OD-S-150 MA-COM-OD-S-150 Datasheet
115Kb / 1P
   Outline Drawing
OD-S-296 MA-COM-OD-S-296 Datasheet
131Kb / 1P
   Outline Drawing
OD-S-30 MA-COM-OD-S-30 Datasheet
392Kb / 3P
   Outline Drawing
OD-S-36 MA-COM-OD-S-36 Datasheet
99Kb / 1P
   Outline Drawing
OD-S-111 MA-COM-OD-S-111 Datasheet
132Kb / 1P
   Outline Drawing
OD-S-137 MA-COM-OD-S-137 Datasheet
120Kb / 1P
   Outline Drawing
OD-S-144 MA-COM-OD-S-144 Datasheet
113Kb / 1P
   Outline Drawing
OD-S-186 MA-COM-OD-S-186 Datasheet
101Kb / 1P
   Outline Drawing
OD-S-255 MA-COM-OD-S-255 Datasheet
87Kb / 1P
   Outline Drawing
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com