Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1197 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1197
Description  Dual, 8-Bit, 60Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1197 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1197 Datasheet HTML 9Page - Maxim Integrated Products MAX1197 Datasheet HTML 10Page - Maxim Integrated Products MAX1197 Datasheet HTML 11Page - Maxim Integrated Products MAX1197 Datasheet HTML 12Page - Maxim Integrated Products MAX1197 Datasheet HTML 13Page - Maxim Integrated Products MAX1197 Datasheet HTML 14Page - Maxim Integrated Products MAX1197 Datasheet HTML 15Page - Maxim Integrated Products MAX1197 Datasheet HTML 16Page - Maxim Integrated Products MAX1197 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Match the impedance of INA+ and INA-, as well as
INB+ and INB-, and set the common-mode voltage to
mid-supply (VDD/2) for optimum performance.
Analog Inputs and Reference
Configurations
The full-scale range of the MAX1197 is determined by
the internally generated voltage difference between
REFP (VDD/2 + VREFIN/4) and REFN (VDD/2 - VREFIN/4).
The full-scale range for both on-chip ADCs is
adjustable through the REFIN pin, which is provided for
this purpose.
The MAX1197 provides three modes of reference oper-
ation:
• Internal reference mode
• Buffered external reference mode
• Unbuffered external reference mode
In internal reference mode, connect the internal refer-
ence output REFOUT to REFIN through a resistor (e.g.,
10k
Ω) or resistor divider, if an application requires a
reduced full-scale range. For stability and noise-filtering
purposes, bypass REFIN with a >10nF capacitor to
GND. In internal reference mode, REFOUT, COM,
REFP, and REFN become low-impedance outputs.
In buffered external reference mode, adjust the refer-
ence voltage levels externally by applying a stable and
accurate voltage at REFIN. In this mode, COM, REFP,
and REFN are outputs. REFOUT can be left open or
connected to REFIN through a >10k
Ω resistor.
In unbuffered external reference mode, connect REFIN
to GND. This deactivates the on-chip reference buffers
for REFP, COM, and REFN. With their buffers shut
down, these nodes become high-impedance inputs
and can be driven through separate, external reference
sources.
For detailed circuit suggestions and how to drive this
dual ADC in buffered/unbuffered external reference
mode, see the Applications Information section.
Clock Input (CLK)
The MAX1197’s CLK input accepts a CMOS-compati-
ble clock signal. Since the interstage conversion of the
device depends on the repeatability of the rising and
falling edges of the external clock, use a clock with low
jitter and fast rise and fall times (<2ns). In particular,
sampling occurs on the rising edge of the clock signal,
requiring this edge to provide lowest possible jitter. Any
significant aperture jitter would limit the SNR perfor-
mance of the on-chip ADCs as follows:
Dual, 8-Bit, 60Msps, 3V, Low-Power ADC with
Internal Reference and Parallel Outputs
______________________________________________________________________________________
13
N - 6
N
N - 5
N + 1
N - 4
N + 2
N - 3
N + 3
N - 2
N + 4
N - 1
N + 5
N
N + 6
N + 1
5-CLOCK-CYCLE LATENCY
ANALOG INPUT
CLOCK INPUT
DATA OUTPUT
D7A–D0A
tDO
tCH
tCL
N - 6
N - 5
N - 4
N - 3
N - 2
N - 1
N
N + 1
DATA OUTPUT
D7B–D0B
tAD
Figure 3. System Timing Diagram


Similar Part No. - MAX1197

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1197 MAXIM-MAX1197 Datasheet
563Kb / 22P
   Dual, 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 4/02
MAX1197 MAXIM-MAX1197 Datasheet
516Kb / 10P
   Low-Voltage and Low-Power Operation
Rev 0; 8/02
More results

Similar Description - MAX1197

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1195 MAXIM-MAX1195 Datasheet
563Kb / 22P
   Dual, 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 4/02
MAX1196 MAXIM-MAX1196 Datasheet
635Kb / 23P
   Dual 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
19-2600; Rev 0; 9/02
MAX1183 MAXIM-MAX1183 Datasheet
495Kb / 18P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
MAX1182 MAXIM-MAX1182 Datasheet
510Kb / 21P
   Dual 10-Bit, 65Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 7/01
MAX1183 MAXIM-MAX1183_V01 Datasheet
343Kb / 18P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2006
MAX1184 MAXIM-MAX1184 Datasheet
504Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 10/01
MAX1181 MAXIM-MAX1181 Datasheet
304Kb / 20P
   Dual 10-Bit, 80Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 1; 2/07
MAX1185 MAXIM-MAX1185 Datasheet
495Kb / 20P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
MAX1185 MAXIM-MAX1185_10 Datasheet
299Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 2; 4/10
MAX1186 MAXIM-MAX1186 Datasheet
444Kb / 21P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 0; 12/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com