Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD5385B-A Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AKD5385B-A
Description  AK5385B Evaluation Board Rev.0
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD5385B-A Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AKD5385B-A Datasheet HTML 1Page - Asahi Kasei Microsystems AKD5385B-A Datasheet HTML 2Page - Asahi Kasei Microsystems AKD5385B-A Datasheet HTML 3Page - Asahi Kasei Microsystems AKD5385B-A Datasheet HTML 4Page - Asahi Kasei Microsystems AKD5385B-A Datasheet HTML 5Page - Asahi Kasei Microsystems AKD5385B-A Datasheet HTML 6Page - Asahi Kasei Microsystems AKD5385B-A Datasheet HTML 7Page - Asahi Kasei Microsystems AKD5385B-A Datasheet HTML 8Page - Asahi Kasei Microsystems AKD5385B-A Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
ASAHI KASEI
[AKD5385B-A]
<KM080500>
2005/09
- 1 -
GENERAL DESCRIPTION
AKD5385B-A is an evaluation board for the digital audio 24bit 192kHz A/D converter, AK5385B. The
AKD5385B-A includes the input circuit and also has a digital interface transmitter. Further, the
AKD5385B-A can achieve the interface with digital audio systems via opt-connector.
Ordering guide
AKD5385B-A
---
AK5385B Evaluation Board
FUNCTION
• DIT with optical output
• BNC connector for an external clock input
AVDD
DVDD
AGND
DGND
LIN
RIN
AK4103A
(DIT)
Clock
Generator
DSP Data
10pin Header
AK5385B
Opt
Out
Input
Buffer
+15V
-15V
5V
Regulator
Figure 1. AKD5385B-A Block Diagram
* Circuit diagram and PCB layout are attached at the end of this manual.
AK5385B Evaluation Board Rev.0
AKD5385B-A


Similar Part No. - AKD5385B-A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD5385B AKM-AKD5385B Datasheet
186Kb / 24P
   24Bit 192kHz ?誇 ADC
More results

Similar Description - AKD5385B-A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4201-C AKM-AKD4201-C Datasheet
1Mb / 11P
   AK4201 Evaluation Board Rev.0
AKD4204-A AKM-AKD4204-A Datasheet
1Mb / 19P
   AK4204 Evaluation Board Rev.0
AK4712EN AKM-AK4712EN Datasheet
1Mb / 32P
   AK4712 Evaluation Board Rev.0
AKD4425A-SA AKM-AKD4425A-SA Datasheet
557Kb / 32P
   AK4425A Evaluation Board Rev.0
AKD4705A-A AKM-AKD4705A-A Datasheet
472Kb / 34P
   AK4705A Evaluation Board Rev.0
AKD4125 AKM-AKD4125 Datasheet
202Kb / 20P
   AK4125 Evaluation Board Rev.0
AKD4632 AKM-AKD4632 Datasheet
654Kb / 48P
   AK4632 Evaluation board Rev.0
AKD5367A-A AKM-AKD5367A-A Datasheet
1Mb / 38P
   AK5367A Evaluation Board Rev.0
AKD4118A-A AKM-AKD4118A-A Datasheet
557Kb / 23P
   AK4118A Evaluation Board Rev.0
AKD7782-A AKM-AKD7782-A Datasheet
2Mb / 73P
   AK7782 Evaluation Board Rev.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com