Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4620B Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AKD4620B
Description  Evaluation board AK4620B
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4620B Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AKD4620B Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4620B Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4620B Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4620B Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4620B Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4620B Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4620B Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4620B Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4620B Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
ASAHI KASEI
[AKD4620B-B]
<KM078900>
2005/05
- 2 -
Evaluation Board Manual
Operation sequence
1) Set up the power supply line
[+15V]
(green)
= +15V
[-15V]
(blue)
= -15V
[GND]
(black)
= 0V
Note:
Each supply line should be distributed from the power supply unit.
2) Set up the evaluation modes, jumper pins and DIP switch. (See the followings.)
3) Power on
The AK4620B should be reset once bringing SW2 (PDN) “L” upon power-up.


Similar Part No. - AKD4620B

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4620B AKM-AKD4620B Datasheet
397Kb / 42P
   24-Bit 192kHz Audio CODEC with IPGA
AKD4620B-B AKM-AKD4620B-B Datasheet
663Kb / 63P
   24Bit A/D & D/A converter
AKD4620B-B AKM-AKD4620B-B_06 Datasheet
663Kb / 63P
   24Bit A/D & D/A converter
More results

Similar Description - AKD4620B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68EVB912B32 MOTOROLA-M68EVB912B32 Datasheet
271Kb / 4P
   Evaluation Board
logo
Richtek Technology Corp...
RT7236GQW RICHTEK-RT7236GQW Datasheet
661Kb / 12P
   Evaluation Board
RT7272AGSP RICHTEK-RT7272AGSP Datasheet
643Kb / 11P
   Evaluation Board
RT7279GQW RICHTEK-RT7279GQW Datasheet
660Kb / 12P
   Evaluation Board
logo
Melexis Microelectronic...
EVB90316 MELEXIS-EVB90316 Datasheet
432Kb / 6P
   Evaluation Board
logo
Richtek Technology Corp...
RT8292AHZSP RICHTEK-RT8292AHZSP Datasheet
584Kb / 11P
   Evaluation Board
logo
AverLogic Technologies ...
AL360A-EVB-A0 AVERLOGIC-AL360A-EVB-A0 Datasheet
1Mb / 14P
   Evaluation Board
logo
Cirrus Logic
CDB8130 CIRRUS-CDB8130 Datasheet
695Kb / 10P
   Evaluation Board
CDB5012 CIRRUS-CDB5012 Datasheet
86Kb / 7P
   Evaluation Board
CDB8416 CIRRUS-CDB8416 Datasheet
1Mb / 28P
   Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com