Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4589 Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AKD4589
Description  AK4589 Evaluation Board Rev.2
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4589 Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AKD4589 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4589 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4589 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4589 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4589 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4589 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4589 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4589 Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4589 Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
ASAHI KASEI
[AKD4589-B]
<KM076201>
2005/07
- 8 -
Analog Outputs
BNC connector J2 (LOUT1), J1 (ROUT1), J4 (LOUT2), J3 (ROUT2), J6 (LOUT3), J5 (ROUT3) J8 (LOUT4) ,J7
(ROUT4) are used for analog outputs on the AKD4589-B. Analog outputs are single-ended and output ranges of each
channels are nominally ±3.82Vpp@5V. (Analog outputs of AK4589 device are differencial and output ranges of
each channels are nominally ±2.7Vpp@5V.But, input ranges of AKD4589-B becomes to ±3.82Vpp@5V,about
1.41 times of the value in the case of AK4589 device.Output range of AK4589 device is proportional to VREFH
(2.7= 0.54 x VREFH). VREFH is connected to AVDD on the AKD4589-B.)
Analog Output Circuit
330
100u
180
AOUTL-
3.9n
680
3.3n
6
4
3
2
7
10u
0.1u
0.1u
10u
10u
NJM4580
330
100u
180
AOUTL+
3.9n
680
3.3n
6
4
3
2
7
10u
0.1u
0.1u
10u
NJM4580
0.1u
+
NJM4580
0.1u
10u
100
4
3
2
1.0n
620
620
560
7
+
+
+
+
-
+
-
+
+
+
-
+
+
1.0n
Lch
-15
+15
6
Figure 8. Analog Output Circuit
The differential output circuit(2nd order LPF,fc=182KHz,Q=0.637,G=+3.9dB) and LPF(1st order LPF, fc=284KHz,
G=-0.84dB) is implemented on AKD4589-B. The differential outputs of AK4589 is buffered by non-inverted circuit and
output via Cannon connector (differential output). LPF adds differential outputs. NJM4580 is used for op-amp on this
board that has low noise and high voltage torelance characteristics. Analog signal is output via BNC connectors on the
board. The output level is about ±3.82Vpp(typ@VREF=5.0V) by BNC.
* AKM assumes no responsibility for the trouble when using the above circuit examples.


Similar Part No. - AKD4589

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4589 AKM-AKD4589 Datasheet
815Kb / 76P
   2/8-Channel Audio CODEC with DIR
AKD4589-B AKM-AKD4589-B Datasheet
2Mb / 51P
   gle chip 24bit CODEC that has two channels of ADC
More results

Similar Description - AKD4589

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4621-B AKM-AKD4621-B Datasheet
985Kb / 50P
   AK4621 Evaluation board Rev.2
AKD4420-SC AKM-AKD4420-SC Datasheet
436Kb / 22P
   AK4420 Evaluation Board Rev.2
AKD4480-SB AKM-AKD4480-SB Datasheet
643Kb / 30P
   AK4480 Evaluation Board Rev.2
AKD4223-A AKM-AKD4223-A Datasheet
1,015Kb / 31P
   AK4223 Evaluation Board Rev.2
AKD4426-SA AKM-AKD4426-SA Datasheet
444Kb / 33P
   AK4426 Evaluation Board Rev.2
AKD4709-A AKM-AKD4709-A Datasheet
1Mb / 28P
   AK4709 Evaluation Board Rev.2
AKD4753-A AKM-AKD4753-A Datasheet
1Mb / 60P
   AK4753 Evaluation Board Rev.2
AK4141EQ AKM-AK4141EQ Datasheet
1Mb / 32P
   Evaluation board Rev.2 for AK4141
AKD4687-A AKM-AKD4687-A Datasheet
1Mb / 52P
   Evaluation board Rev.2 for AK4687
AKD5373-A AKM-AKD5373-A Datasheet
1Mb / 24P
   Evaluation board Rev.2 for AK5373
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com