Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMP2120G4 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZXMP2120G4
Description  200V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMP2120G4 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZXMP2120G4 Datasheet HTML 1Page - Zetex Semiconductors ZXMP2120G4 Datasheet HTML 2Page - Zetex Semiconductors ZXMP2120G4 Datasheet HTML 3Page - Zetex Semiconductors ZXMP2120G4 Datasheet HTML 4Page - Zetex Semiconductors ZXMP2120G4 Datasheet HTML 5Page - Zetex Semiconductors ZXMP2120G4 Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SUMMARY
V(BR)DSS =-200V; RDS(ON) = 25 ; ID = 200mA
DESCRIPTION
This 200V enhancement mode P-channel MOSFET provides users with a
competitive specification offering efficient power handling capability, high
impedance and is free from thermal runaway and thermally induced
secondary breakdown. Applications benefiting from this device include a
variety of Telecom and general high voltage circuits.
A SOT23-5 version is also available (ZXMP2120E5).
FEATURES
High voltage
Low on-resistance
Fast switching speed
Low gate drive
Low threshold
SOT223 package variant engineered to increase spacing between
high voltage pins.
APPLICATIONS
Active clamping of primary side MOSFETs in 48 volt DC-DC converters
ORDERING INFORMATION
DEVICE
REEL SIZE
(inches)
TAPE WIDTH (mm)
QUANTITY
PER REEL
ZXMP2120G4TA
7
12mm embossed
1,000 units
ZXMP2120G4TC
13
12mm embossed
4,000 units
DEVICE MARKING
ZXMP
2120
ZXMP2120G4
ISSUE 1 - DECEMBER 2005
200V P-CHANNEL ENHANCEMENT MODE MOSFET
1
N/C
PINOUT - TOP VIEW
SOT223


Similar Part No. - ZXMP2120G4

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP2120G4 DIODES-ZXMP2120G4 Datasheet
422Kb / 6P
   200V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP2120G4TA DIODES-ZXMP2120G4TA Datasheet
422Kb / 6P
   200V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP2120G4TA DIODES-ZXMP2120G4TA Datasheet
745Kb / 7P
   200V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP2120G4TC DIODES-ZXMP2120G4TC Datasheet
422Kb / 6P
   200V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP2120G4TC DIODES-ZXMP2120G4TC Datasheet
745Kb / 7P
   200V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMP2120G4

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP2120E5 DIODES-ZXMP2120E5 Datasheet
391Kb / 6P
   200V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Shanghai Leiditech Elec...
LMAK13P20 LEIDITECH-LMAK13P20 Datasheet
2Mb / 5P
   -200V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMP2120G4 DIODES-ZXMP2120G4_15 Datasheet
745Kb / 7P
   200V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP2120G4 DIODES-ZXMP2120G4 Datasheet
422Kb / 6P
   200V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Zetex Semiconductors
ZXMP2120E5 ZETEX-ZXMP2120E5 Datasheet
384Kb / 6P
   200V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTD2K5P20KM3 CYSTEKEC-MTD2K5P20KM3 Datasheet
402Kb / 9P
   -200V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMP2120E5 DIODES-ZXMP2120E5_15 Datasheet
718Kb / 7P
   200V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP2120FF DIODES-ZXMP2120FF Datasheet
423Kb / 10P
   200V SOT23F P-channel enhancement mode MOSFET
logo
Zetex Semiconductors
ZXMP2120FF ZETEX-ZXMP2120FF Datasheet
410Kb / 10P
   200V SOT23F P-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZVNL120G DIODES-ZVNL120G_15 Datasheet
567Kb / 6P
   200V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com