Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MX7705 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part No. MX7705
Description  16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7705 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MX7705_V01 Datasheet HTML 1Page - Maxim Integrated Products MX7705_V01 Datasheet HTML 2Page - Maxim Integrated Products MX7705_V01 Datasheet HTML 3Page - Maxim Integrated Products MX7705_V01 Datasheet HTML 4Page - Maxim Integrated Products MX7705_V01 Datasheet HTML 5Page - Maxim Integrated Products MX7705_V01 Datasheet HTML 6Page - Maxim Integrated Products MX7705_V01 Datasheet HTML 7Page - Maxim Integrated Products MX7705_V01 Datasheet HTML 8Page - Maxim Integrated Products MX7705_V01 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
MX7705
16-Bit, Low-Power, 2-Channel,
Sigma-Delta ADC
Maxim Integrated | 3
www.maximintegrated.com
Electrical Characteristics (continued)
(VDD = 3V or 5V, VGND = 0V, VREF+ = 1.225V for VDD = 3V and VREF+ = 2.5V for VDD = 5V, VREF- = GND, external fCLKIN =
2.4576MHz, CLKDIV bit = 0, CREF+ to GND = 0.1µF, CREF- to GND = 0.1µF, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Gain = 1
34
Gain = 2
38
Gain = 4
45
AIN Input Capacitance
Gain = 8 to 128
60
pF
AIN Input Sampling Rate
fs
Gain = 1 to 128
fCLKIN /
64
MHz
Gain = 1
96
Gain = 2
105
Gain = 4
110
VDD = 5V
Gain = 8 to 128
130
Gain = 1
105
Gain = 2
110
Gain = 4
120
Input Common-Mode Rejection
CMR
VDD = 3V
Gain = 8 to 128
130
dB
Normal-Mode 50Hz Rejection
For filter notches of 25Hz, 50Hz,
±0.02
× fNOTCH
98
dB
Normal-Mode 60Hz Rejection
For filter notches of 20Hz, 60Hz,
±0.02
× fNOTCH
98
dB
Common-Mode 50Hz Rejection
For filter notches of 25Hz, 50Hz,
±0.02
× fNOTCH
150
dB
Common-Mode 60Hz Rejection
For filter notches of 20Hz, 60Hz,
±0.02
× fNOTCH
150
dB
EXTERNAL REFERENCE (REF+, REF-)
VDD = 4.75V to 5.25V
1.0
3.5
REF Differential Input Voltage
Range (Note 9)
VREF
VDD = 2.7V to 3.6V
1.00
1.75
V
REF Absolute Input Voltage Range
GND
VDD
V
REF Input Capacitance
Gain = 1 to 128
10
pF
REF Input Sampling Rate
fs
fCLKIN /
64
MHz
DIGITAL INPUTS (DIN, SCLK,
CS, RESET)
Input High Voltage
VIH
2V
VDD = 4.75V to 5.25V
0.8
Input Low Voltage
VIL
VDD = 2.7V to 3.6V
0.4
V
DIN,
CS, RESET
250
Input Hysteresis
VHYST
SCLK
500
mV
Input Current
IIN
±1
µA
Input Capacitance
5pF


Similar Part No. - MX7705_V01

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MX7705EPE MAXIM-MX7705EPE Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705EPE MAXIM-MX7705EPE Datasheet
405Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 3; 6/09
MX7705EUE MAXIM-MX7705EUE Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705EUE MAXIM-MX7705EUE Datasheet
405Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 3; 6/09
MX7705EUE++ MAXIM-MX7705EUE+ Datasheet
528Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
More results

Similar Description - MX7705_V01

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705 MAXIM-MX7705_10 Datasheet
528Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
MX7705 MAXIM-MX7705_09 Datasheet
405Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 3; 6/09
Analog Devices
Analog Devices
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7787 AD-AD7787 Datasheet
326Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. 0
AD7787 AD-AD7787_13 Datasheet
307Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
AD7787 AD-AD7787_15 Datasheet
307Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz