Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MX7705 Datasheet(PDF) 25 Page - Maxim Integrated Products

Part No. MX7705
Description  16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MX7705 Datasheet(HTML) 25 Page - Maxim Integrated Products

Back Button MX7705_V01 Datasheet HTML 21Page - Maxim Integrated Products MX7705_V01 Datasheet HTML 22Page - Maxim Integrated Products MX7705_V01 Datasheet HTML 23Page - Maxim Integrated Products MX7705_V01 Datasheet HTML 24Page - Maxim Integrated Products MX7705_V01 Datasheet HTML 25Page - Maxim Integrated Products MX7705_V01 Datasheet HTML 26Page - Maxim Integrated Products MX7705_V01 Datasheet HTML 27Page - Maxim Integrated Products MX7705_V01 Datasheet HTML 28Page - Maxim Integrated Products MX7705_V01 Datasheet HTML 29Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
MX7705
16-Bit, Low-Power, 2-Channel,
Sigma-Delta ADC
Maxim Integrated | 25
www.maximintegrated.com
Maxim Integrated | 25
www.maximintegrated.com
Test Register
This register is reserved for factory testing of the device.
For proper operation of the MX7705, do not change this
register from its default power-on reset values.
Offset and Gain-Calibration Registers
The MX7705 contains one offset register and one gain
register for each input channel. Each register is 24 bits
wide and can be written and read. The offset registers
store the calibration coefficients resulting from a zero-
scale calibration, and the gain registers store the cali-
bration coefficients resulting from a full-scale
calibration. The data stored in these registers are 24-bit
straight binary values representing the offset or gain
errors associated with the selected channel. A 24-bit
read or write operation can be performed on the cali-
bration registers for any selected channel. During a
write operation, 24 bits of data must be written to the
register, or no data is transferred.
Write to the calibration registers in normal mode only.
After writing to the calibration registers, the devices
implement the new offset and gain-register calibration
coefficients at the beginning of a new acquisition. To
ensure the results are valid, discard the first conversion
result after writing to the calibration registers.
To ensure that a conversion is not made using invalid
calibration data, drive FSYNC high prior to writing to the
calibration registers, and then release FSYNC low to ini-
tiate conversion.
Power-On Reset
At power-up, the serial-interface, logic, digital-filter, and
modulator circuits are reset. The registers are set to
their default values. The device returns to wait for a
write to the communications register. For accurate
measurements, perform calibration routines after
power-up. Allow time for the external reference and
oscillator to start up before starting calibration. See the
Typical Operating Characteristics for typical external-
oscillator startup times.
Table 13. Output Data Rate and Notch Frequency vs. Filter Select and
CLKIN Frequency
CLKIN FREQUENCY
fCLKIN (MHz)*
CLK
FS1
FS0
OUTPUT DATA RATE
(FIRST NOTCH) (Hz)
-3dB FILTER CUTOFF**
(Hz)
1
0
0
0
20
5.24
1
0
0
1
25
6.55
1
0
1
0
100
26.20
1
0
1
1
200
52.40
2.4576
1
0
0
50
13.10
2.4576
1
0
1
60
15.70
2.4576
1
1
0
250
65.50
2.4576
1
1
1
500
131.00
*
These values are given for CLKDIV = 0. External clock frequency, fCLKIN, can be two times the values in this column if CLKDIV = 1.
**
The filter -3dB filter cutoff frequency = 0.262 x filter first-notch frequency.
Table 12. Clock Register
FIRST BIT (MSB)
(LSB)
FUNCTION
RESERVED
CLKOUT
DISABLE
CLOCK
DIVIDER
CLOCK
SELECT
FILTER SELECT
Name
MXID
ZERO
ZERO
CLKDIS
CLKDIV
CLK
FS1
FS0
Defaults
1
0
0
0
0
1
0
1


Similar Part No. - MX7705_V01

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MX7705EPE MAXIM-MX7705EPE Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705EPE MAXIM-MX7705EPE Datasheet
405Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 3; 6/09
MX7705EUE MAXIM-MX7705EUE Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705EUE MAXIM-MX7705EUE Datasheet
405Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 3; 6/09
MX7705EUE++ MAXIM-MX7705EUE+ Datasheet
528Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
More results

Similar Description - MX7705_V01

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MX7705 MAXIM-MX7705 Datasheet
664Kb / 34P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 0; 10/03
MX7705 MAXIM-MX7705_10 Datasheet
528Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 4; 2/10
MX7705 MAXIM-MX7705_09 Datasheet
405Kb / 33P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADC
Rev 3; 6/09
Analog Devices
Analog Devices
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7787 AD-AD7787 Datasheet
326Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. 0
AD7787 AD-AD7787_13 Datasheet
307Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
AD7787 AD-AD7787_15 Datasheet
307Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz